Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML2035 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # ML2035
Description  Serial Input Programmable Sine Wave Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2035 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  ML2035 Datasheet HTML 1Page - Fairchild Semiconductor ML2035 Datasheet HTML 2Page - Fairchild Semiconductor ML2035 Datasheet HTML 3Page - Fairchild Semiconductor ML2035 Datasheet HTML 4Page - Fairchild Semiconductor ML2035 Datasheet HTML 5Page - Fairchild Semiconductor ML2035 Datasheet HTML 6Page - Fairchild Semiconductor ML2035 Datasheet HTML 7Page - Fairchild Semiconductor ML2035 Datasheet HTML 8Page - Fairchild Semiconductor ML2035 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ML2035
2
REV. 1.0 10/10/2000
PIN CONFIGURATION
PIN DESCRIPTION
PIN
NAME
FUNCTION
1VSS
Negative supply (-5V).
2
SCK
Serial clock. Digital input which
clocks in serial data on its rising
edges.
3
SID
Serial input data which programs the
frequency of VOUT.
4
LATI
Digital input which latches serial data
into the internal data latch on falling
edges.
PIN
NAME
FUNCTION
5VCC
Positive supply (5V).
6VOUT
Analog output. VOUT swing is ±VCC/2.
7
GND
Ground. All inputs and outputs are
referenced to this point.
8
CLK IN
Clock input. The internal clock can be
generated by tying a 3 to 12MHz
crystal from this pin to GND, or
applying a digital clock signal directly
to the pin.
1
2
3
4
8
7
6
5
VSS
SCK
SID
LATI
CLK IN
GND
VOUT
VCC
TOP VIEW
ML2035
8-Pin PDIP (P08)


Similar Part No. - ML2035

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2035 MICRO-LINEAR-ML2035 Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
ML2035CP MICRO-LINEAR-ML2035CP Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
ML2035IP MICRO-LINEAR-ML2035IP Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
More results

Similar Description - ML2035

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2035 MICRO-LINEAR-ML2035 Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Micro Linear Corporatio...
ML2037 MICRO-LINEAR-ML2037 Datasheet
208Kb / 10P
   500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
logo
Analog Devices
3B42 AD-3B42 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
3B44 AD-3B44_15 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
3B42 AD-3B42_15 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
3B43 AD-3B43_15 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com