Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML2021 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # ML2021
Description  Telephone Line Equalizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2021 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  ML2021 Datasheet HTML 1Page - Fairchild Semiconductor ML2021 Datasheet HTML 2Page - Fairchild Semiconductor ML2021 Datasheet HTML 3Page - Fairchild Semiconductor ML2021 Datasheet HTML 4Page - Fairchild Semiconductor ML2021 Datasheet HTML 5Page - Fairchild Semiconductor ML2021 Datasheet HTML 6Page - Fairchild Semiconductor ML2021 Datasheet HTML 7Page - Fairchild Semiconductor ML2021 Datasheet HTML 8Page - Fairchild Semiconductor ML2021 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PRODUCT SPECIFICATION
ML2021
REV. 1.1.1 3/19/01
3
Electrical Characteristics
Unless otherwise specified TA = TMIN to TMAX, VCC = 5V ± 10%, VSS = -5V ± 10%, Data Word: BP = 1,
Other Bits = 0, CL = 100pF, RL = 600
Ω, dBm measurements use 600Ω as reference load, VIN = -7dBm,
1kHz sinusoid CLK = 1.544 MHz ±300 Hz and digital time measured at 1.4 V
Symbol
Parameter
Notes
Conditions
Min Typ.3
Max.
Units
Analog
SR
Response, Slope Section
4
1 kHz response
NL/L
S3
S2
S1
S0
0
0
0
0
0
1
1
1
1
1
1
0
0
0
1
1
0
0
0
0
1
1
0
0
1
0
1
0
0
0
1
0
1
0
1
0
0
1
0
0
1
0
0
1
1
0
0
0
1
0
1
0
0
0
1
1.4 ±0.1
2.6 ±0.2
4.7 ±0.2
7.8 ±0.2
11.4 ±0.25
0 ±0.1
0.4 ±0.1
0.9 ±0.2
1.8 ±0.2
3.7 ±0.2
6.6 ±0.25
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
Referenced to
0
000
0
HR
Response, Height
Section
4
3250 Hz response referenced to 1 kHz
response with BP = 1, other bits = 0
NL/L
H3
H2
H1
H0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
1
0
1
0
0
1
0
0
1
0
1
0
0
0
1
0 ±0.15
0.5 ±0.2
1.1 ±0.2
2.3 ±0.2
5.7 ±0.3
11.1 ±0.3
dB
dB
dB
dB
dB
dB
BR
Response, Bandwidth
Section (Q)
4
NL/L
B3
B2
B1
B0
H3
H2
H1
H0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
1
0
1
0
0
1
0
0
1
0
1
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
16.1 ±2.0
14.2 ±1.5
12.6 ±1.5
9.1 ±1.0
3.6 ±0.5
1.2 ±0.35
PK
BW Peak Frequency
4
H3 thru H0 = 1
3230 3250
3270
Hz
AG
Absolute Gain, Flat
Response
4
0.5 kHz to 4 kHz
-0.1
+0.1
+0.3
dB
AGB
Absolute Gain, Bypass
Mode
4
0.3 kHz to 4 kHz, BP = 0
-0.1
+0.1
+0.3
dB
ICN
Idle Channel Noise
4
VIN = 0
3
8
dBrnc
VIN = 0, All Data Bits = 1
9
dBrnc
HD
Harmonic Distortion
4
VIN = 5 dBm, 1 kHz
Measure 2nd, 3rd, harmonic
relative to fundamental
-48
dB
SD
Signal to Distortion
4
VIN = -12dBm, 1 kHz
C msg weighted
+48
dB
SFN
Signal Frequency Noise
5
VIN = 0, 4 kHz
≤ frequency ≤ 150 kHz
-50
dBm
PSRR
Power Supply Rejection
4
200mVp-p, 1 kHz sine, VIN = 0
on VCC
on VSS
-40
-40
dB
dB


Similar Part No. - ML2021

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2021 MICRO-LINEAR-ML2021 Datasheet
613Kb / 12P
   TELEPHONE LINE EQUALIZER
ML2021CP MICRO-LINEAR-ML2021CP Datasheet
613Kb / 12P
   TELEPHONE LINE EQUALIZER
ML2021CS MICRO-LINEAR-ML2021CS Datasheet
613Kb / 12P
   TELEPHONE LINE EQUALIZER
ML2021IP MICRO-LINEAR-ML2021IP Datasheet
613Kb / 12P
   TELEPHONE LINE EQUALIZER
ML2021IS MICRO-LINEAR-ML2021IS Datasheet
613Kb / 12P
   TELEPHONE LINE EQUALIZER
More results

Similar Description - ML2021

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2020 MICRO-LINEAR-ML2020 Datasheet
616Kb / 12P
   TELEPHONE LINE EQUALIZER
ML2021 MICRO-LINEAR-ML2021 Datasheet
613Kb / 12P
   TELEPHONE LINE EQUALIZER
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
logo
Adam Technologies, Inc.
MTJC-88-XB ADAM-TECH-MTJC-88-XB Datasheet
97Kb / 1P
   TELEPHONE JACK COUPLER TELEPHONE LINE CORD COUPLER
logo
Supertex, Inc
HT19 SUTEX-HT19_14 Datasheet
444Kb / 4P
   Electronic Telephone Line Switch
HT18 SUTEX-HT18_07 Datasheet
369Kb / 4P
   Electronic Telephone Line Switch
HT18 SUTEX-HT18 Datasheet
76Kb / 3P
   Electronic Telephone Line Switch
HT18 SUTEX-HT18_14 Datasheet
443Kb / 4P
   Electronic Telephone Line Switch
logo
NXP Semiconductors
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
   Cordless telephone line interface
1999 Jun 04
logo
List of Unclassifed Man...
XE0020 ETC-XE0020 Datasheet
26Kb / 6P
   Telephone Line Interface with Active Line Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com