Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE64907 Datasheet(PDF) 7 Page - Peregrine Semiconductor

Part # PE64907
Description  UltraCMOS짰 Digitally Tunable Capacitor (DTC)100-3000 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE64907 Datasheet(HTML) 7 Page - Peregrine Semiconductor

Back Button PE64907 Datasheet HTML 2Page - Peregrine Semiconductor PE64907 Datasheet HTML 3Page - Peregrine Semiconductor PE64907 Datasheet HTML 4Page - Peregrine Semiconductor PE64907 Datasheet HTML 5Page - Peregrine Semiconductor PE64907 Datasheet HTML 6Page - Peregrine Semiconductor PE64907 Datasheet HTML 7Page - Peregrine Semiconductor PE64907 Datasheet HTML 8Page - Peregrine Semiconductor PE64907 Datasheet HTML 9Page - Peregrine Semiconductor PE64907 Datasheet HTML 10Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Page 7 of 10
Document No. DOC-30214-2 │ www.psemi.com
©2013 Peregrine Semiconductor Corp. All rights reserved.
Product Specification
PE64907
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
State
Capacitance in Series
Configuration (Cs)
Capacitance in Shunt
Configuration (Cs+Cp1)
0
0.5
1
1.5
2
2.5
3
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency (GHz)
C0
C1
C2
C4
C8
C16
C31
Series Operation
In Series configuration, the effective capacitance
between RF+ and RF- ports is represented by Cs
and tuning ratio as CSmax/CSmin.
Figure 16. Measured Series S21 vs. Frequency
Configuration
Cmin
(state 0)
Cmax
(state 31)
Tuning
Ratio
Series (RF+ to RF-)
0.38
2.12
5.58:1
0.85
2.4
2.82:1
Shunt (RF+ to GND)
Effective
Capacitance
CS
CS + CP1
When the DTC is used as a part of a reactive
network, impedance transformation may cause the
internal RF voltages (VP and VM in Figure 12) to
exceed peak operating RF voltage. The complete
RF circuit must be simulated using actual input
power and load conditions to ensure neither VP nor
VM exceeds 30 Vpk.
Figure 13. Effective Capacitance Diagram
Figure 14. Typical Capacitance vs. State
S11 and S21 for series configuration is illustrated in
Figures 15 and 16. S21 includes mismatch and
dissipative losses and is not indicative of tuning
network loss. Equivalent Circuit Model can be used
for simulation of tuning network loss.
Frequency(.3 - 3000 MHz)
S
11 C0
S
22 C0
S
11 C1
S
22 C1
S
11 C2
S
22 C2
S
11 C4
S
22 C4
S
11 C8
S
22 C8
S
11 C15
S
22 C15
S
11 C31
S
22 C31
Table 9. Effective Capacitance Summary
Figure 15. Measured Series S11/S22 (major states)
Shunt Configuration (looking into RF+ when RF- is
grounded) will have higher total capacitance at RF+
due to parallel combination of Cs with parasitic
capacitance CP1 (CS + CP1), as demonstrated in
Figure 14 and Table 9.


Similar Part No. - PE64907

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE64904 PEREGRINE-PE64904 Datasheet
602Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
logo
Peregrine Semiconductor
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
logo
Peregrine Semiconductor...
PE64904MLBB-Z PEREGRINE-PE64904MLBB-Z Datasheet
602Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64905 PEREGRINE-PE64905 Datasheet
610Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
logo
Peregrine Semiconductor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
More results

Similar Description - PE64907

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE64905 PEREGRINE-PE64905 Datasheet
610Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64102 PEREGRINE-PE64102 Datasheet
999Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64101 PEREGRINE-PE64101 Datasheet
579Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64904 PEREGRINE-PE64904 Datasheet
602Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
logo
Peregrine Semiconductor
PE64906 PSEMI-PE64906 Datasheet
374Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com