Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE64906 Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE64906
Description  UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE64906 Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE64906 Datasheet HTML 1Page - Peregrine Semiconductor PE64906 Datasheet HTML 2Page - Peregrine Semiconductor PE64906 Datasheet HTML 3Page - Peregrine Semiconductor PE64906 Datasheet HTML 4Page - Peregrine Semiconductor PE64906 Datasheet HTML 5Page - Peregrine Semiconductor PE64906 Datasheet HTML 6Page - Peregrine Semiconductor PE64906 Datasheet HTML 7Page - Peregrine Semiconductor PE64906 Datasheet HTML 8Page - Peregrine Semiconductor PE64906 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Page 1 of 11
Document No. DOC-30114-3 │ www.psemi.com
©2013 Peregrine Semiconductor Corp. All rights reserved.
PE64906 is a DuNE™ technology-enhanced Digitally
Tunable Capacitor (DTC) based on Peregrine’s UltraCMOS®
technology. This highly versatile product supports a wide
variety of tuning circuit topologies with emphasis on
impedance matching and aperture tuning applications.
PE64906 offers high RF power handling and ruggedness
while meeting challenging harmonic and linearity
requirements enabled by Peregrine’s HaRP™ technology.
The device is controlled through the widely supported 3-wire
(SPI compatible) interface. All decoding and biasing is
integrated on-chip and no external bypassing or filtering
components are required.
DuNE™ devices feature ease of use while delivering
superior RF performance in the form of tuning accuracy,
monotonicity, tuning ratio, power handling, size, and quality
factor. With built-in bias voltage generation and ESD
protection, DTC products provide a monolithically integrated
tuning solution for demanding RF applications.
Product Specification
Product Description
Figure 1. Functional Diagram
Figure 2. Package Type
10-lead 2 x 2 x 0.55 mm QFN
CMOS Control
Driver and ESD
RF+
RF-
Serial
Interface
ESD
ESD
UltraCMOS® Digitally Tunable Capacitor
(DTC)
100 - 3000 MHz
PE64906
Features
 3-wire (SPI compatible) serial interface
with built-in bias voltage generation and
ESD protection
 DuNE™ technology enhanced
 5-bit 32-state Digitally Tunable Capacitor
 Shunt configuration C = 0.9 pF to 4.6 pF
(5.1:1 tuning ratio) in discrete 119 fF
steps
 High RF power handling (30 Vpk RF) and
linearity
 Wide power supply range (2.3V to 4.8V)
and low current consumption
(typ. 140 μA at 2.75V)
 High ESD tolerance of 2kV HBM on all
pins
 Applications include:

Tunable antennas

Tunable matching networks

Tunable filter networks

Phase shifters
DOC-02169


Similar Part No. - PE64906

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE64904 PEREGRINE-PE64904 Datasheet
602Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
logo
Peregrine Semiconductor
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
logo
Peregrine Semiconductor...
PE64904MLBB-Z PEREGRINE-PE64904MLBB-Z Datasheet
602Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64905 PEREGRINE-PE64905 Datasheet
610Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
logo
Peregrine Semiconductor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
More results

Similar Description - PE64906

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE64905 PEREGRINE-PE64905 Datasheet
610Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64102 PEREGRINE-PE64102 Datasheet
999Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64101 PEREGRINE-PE64101 Datasheet
579Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64904 PEREGRINE-PE64904 Datasheet
602Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
logo
Peregrine Semiconductor
PE64907 PSEMI-PE64907 Datasheet
363Kb / 10P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC)100-3000 MHz
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com