Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILE4264G Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # ILE4264G
Description  5-V Low-Drop Fixed-Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILE4264G Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  ILE4264G_11 Datasheet HTML 1Page - IK Semicon Co., Ltd ILE4264G_11 Datasheet HTML 2Page - IK Semicon Co., Ltd ILE4264G_11 Datasheet HTML 3Page - IK Semicon Co., Ltd ILE4264G_11 Datasheet HTML 4Page - IK Semicon Co., Ltd ILE4264G_11 Datasheet HTML 5Page - IK Semicon Co., Ltd ILE4264G_11 Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
January, 2011, Rev. 01
5-V Low-Drop Fixed-Voltage Regulator
ILE 4264 G is a 5-V low-drop fixed-voltage regulator
in an SOT-223 package. The IC regulates an input
voltage
VI
in
the
range
5.5V<
VI<45V
to
VQrated = 5.0V. The maximum output current is more
than 120 mA. This IC is shortcircuit-proof and features
temperature protection that disables the circuit at
overtemperature.
Features:
• Output voltage tolerance
≤ ± 2 %
• Low-drop voltage
• Very low current consumption
• Overtemperature protection
• Short-circuit proof
• Suitable for use in automotive electronics
Reverse polarity.
Dimensioning Information on External Components
The input capacitor
Ci is necessary for compensating line influences. Using a resistor
of approx. 1
Ω in series with Ci, the oscillating of input inductivity and input capacitance
can be clamped. The output capacitor
CQ is necessary for the stability of the regulating
circuit. Stability is guaranteed at values
CQ
≥ 10µF and an ESR ≤ 10Ω within the
operating temperature range.
Pin Definitions and Functions
Pin
Symbol
Function
1
VI
Input voltage; block to
ground directly on IC with
ceramic capacitor
2, 4
GND
Ground
3
VQ
5-V output voltage; block
to ground with
≥ 10-µF Ω
capacitor, ESR < 10
Circuit Description
The control amplifier compares a reference voltage, which is kept highly precise by resistance adjustment, to
a voltage that is proportional to the output voltage and drives the base of the series transistor via a buffer.
Saturation control, working as a function of load current, prevents any over-saturation of the power element.
The IC is additionally protected against overload, overtemperature and reverse polarity.
ILE4264G
P-SOT223-4-1
I L E 4264G


Similar Part No. - ILE4264G_11

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
More results

Similar Description - ILE4264G_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com