Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H16WD6090 Datasheet(PDF) 5 Page - Crydom Inc.,

Part # H16WD6090
Description  panel mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

H16WD6090 Datasheet(HTML) 5 Page - Crydom Inc.,

  H16WD6090 Datasheet HTML 1Page - Crydom Inc., H16WD6090 Datasheet HTML 2Page - Crydom Inc., H16WD6090 Datasheet HTML 3Page - Crydom Inc., H16WD6090 Datasheet HTML 4Page - Crydom Inc., H16WD6090 Datasheet HTML 5Page - Crydom Inc., H16WD6090 Datasheet HTML 6Page - Crydom Inc., H16WD6090 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DataSheet
Panel Mount
AGENCY APPROVALS
Designed in accordance with the requirements of IEC 62314
IEC 61000-4-2 : Electrostatic Discharge – Level 3
IEC 61000-4-4 : Electrically Fast Transients – Level 3
IEC 61000-4-5 : Electrical Surges – Level 3
IEC 600068-2-6: Vibration 0.33mm and 0.75mm Amplitude over 10-55 Hz
IEC 600068-2-27: Shock Resistance 15g/11ms
E116949
ACCESORIES
New Accessories!
Protective Cover & Hardware Kits
Protective Cover
Part number: KS101
Clear
plastic
cover
compatible with all new S1
designs. Safety covers
provide added protection
from electric shock when
installing
or
checking
equipment.
Hardware Kit
Part number: HK3
Bag with 2 threaded
standoffs, 2 screws 8-32 x
1/4, and 2 lockwashers
M8 for output, and 2
threaded
standoffs,
2
screws 6-32 x 3/16, and 2
lockwashers M6 for input.
Standoff screws provide additional mounting options
such as "dead bug" mounting, using lug terminals or
wire terminals to the side of the relay.
Hardware Kit
Part number: HK4
Bag with 2 square brass
accessories and 2 screw
8-32 x 5/8 for output. Used
to
mount
TMR1
lug
terminals.
Recommended Accessories
Cover
Hardware
Kit
Heat Sink
Part No.
Thermal Resistance
[ºC/W]
Lug Terminal Thermal Pad
KS101
HK1
HK3
HK4
HS501DR
HS301 / HS301DR
HS251
HS201 / HS201DR
HS172
HS151 / HS151DR
HS103 / HS103DR
HS072
HS053
5.0
3.0
2.5
2.0
1.7
1.5
1.0
0.7
0.5
TRM1
TRM6
HSP-1
HSP-2
Rev. 082813
Do not forget to visit us at: www.crydom.com
Copyright © 2013 Crydom Inc. Specifications subject to change without notice.


Similar Part No. - H16WD6090

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
H16WD6025G-10 CRYDOM-H16WD6025G-10 Datasheet
946Kb / 7P
   H16WD Series
H16WD6025GH-10 CRYDOM-H16WD6025GH-10 Datasheet
675Kb / 5P
   H16WD Series
H16WD6050-10 CRYDOM-H16WD6050-10 Datasheet
946Kb / 7P
   H16WD Series
More results

Similar Description - H16WD6090

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
   PANEL MOUNT
CMD2425 CRYDOM-CMD2425_11 Datasheet
580Kb / 5P
   Panel Mount
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
   Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
   Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
   Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
   Panel Mount
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
   panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
   panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
   panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
   panel mount
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com