Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H16WD6075 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # H16WD6075
Description  panel mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

H16WD6075 Datasheet(HTML) 2 Page - Crydom Inc.,

  H16WD6075 Datasheet HTML 1Page - Crydom Inc., H16WD6075 Datasheet HTML 2Page - Crydom Inc., H16WD6075 Datasheet HTML 3Page - Crydom Inc., H16WD6075 Datasheet HTML 4Page - Crydom Inc., H16WD6075 Datasheet HTML 5Page - Crydom Inc., H16WD6075 Datasheet HTML 6Page - Crydom Inc., H16WD6075 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DataSheet
Panel Mount
INPUT SPECIFICATIONS(1)
Description
DC Control
Control Voltage Range (3)
4-32 VDC
Must Turn-Off Voltage
1 .0 VDC
Maximum Reverse Voltage
32 VDC
Minimum Input Current @ Minimum Voltage (for on-state)
7mA
Maximum Input Current @ Maximum Voltage
12mA
Nominal Input Impedance
Current Regulated
Maximum Turn-On Time [msec] (4)
1/2 Cycle
Maximum Turn-Off Time [msec]
1/2 Cycle
LED Input Status Indicator
w/”G” option (green)
GENERAL SPECIFICATIONS (1)
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-30 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
2.6 oz (74.9 g)
Housing Material
UL 94 V-0
SSR Mounting Torque Range [in lbs/Nm]
18-20 (2-2.2)
Baseplate Material
Aluminum
Input Terminal Screw Torque Range [in-lbs/Nm]
13-15 /1.5-1.7
Output Terminal Screw Torque Range [in lb/Nm]
18-20 (2-2.2)
SSR Mounting Screw Torque Range [in-lbs/Nm]
18-20 / 2.0-2.2
Humidity
85% non-condensing
WIRING DIAGRAM
AC
V
Load (8)
1 ( )
2 ( )
1
2
OUTPUT
S OL I D S T A T E R EL A Y
4
3
INPUT
4 (–)
3 (+)
Recommended Wire Sizes
Terminals
Wire Size
(Solid / Stranded)
Wire Pull-Out
Strength (lbs)[N]
Input
Output
24 AWG (0.2 mm2) / 0.2 [minimum]
2 x 12 AWG (3.3 mm2) / 3.3 [maximum]
20 AWG (0.5 mm2) / 0.518 [minimum]
2 x 10 AWG (5.3 mm2) / 5.3
2 x 8 AWG (8.4 mm2) / 8.4 [maximum]
10 [44.5]
90 [400]
30 [133]
110 [490]
90 [400]
Input Current vs Input Voltage
Standard Regulated “DC” Inputs
25
20
15
10
5
0
DC Input Voltage
0
5
10
15
20
25
30
+DC
-DC
AC
Trigger
Circuit
Current
Limiter
AC
3
4
2
1
(7)
EQUIVALENT CIRCUIT BLOCK DIAGRAM
Do not forget to visit us at: www.crydom.com
Copyright © 2013 Crydom Inc. Specifications subject to change without notice.


Similar Part No. - H16WD6075

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
H16WD6025G-10 CRYDOM-H16WD6025G-10 Datasheet
946Kb / 7P
   H16WD Series
H16WD6025GH-10 CRYDOM-H16WD6025GH-10 Datasheet
675Kb / 5P
   H16WD Series
H16WD6050-10 CRYDOM-H16WD6050-10 Datasheet
946Kb / 7P
   H16WD Series
More results

Similar Description - H16WD6075

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
   PANEL MOUNT
CMD2425 CRYDOM-CMD2425_11 Datasheet
580Kb / 5P
   Panel Mount
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
   Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
   Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
   Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
   Panel Mount
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
   panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
   panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
   panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
   panel mount
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com