Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28534EV2Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL28534EV2Z
Description  5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28534EV2Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL28534EV2Z Datasheet HTML 1Page - Intersil Corporation ISL28534EV2Z Datasheet HTML 2Page - Intersil Corporation ISL28534EV2Z Datasheet HTML 3Page - Intersil Corporation ISL28534EV2Z Datasheet HTML 4Page - Intersil Corporation ISL28534EV2Z Datasheet HTML 5Page - Intersil Corporation ISL28534EV2Z Datasheet HTML 6Page - Intersil Corporation ISL28534EV2Z Datasheet HTML 7Page - Intersil Corporation ISL28534EV2Z Datasheet HTML 8Page - Intersil Corporation ISL28534EV2Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
ISL28533, ISL28534, ISL28535, ISL28633, ISL28634, ISL28635
5
FN8364.0
September 24, 2013
G0 and G1 Programmable Gain Setting
G1
(NOTE)
G0
(NOTE)
ISL28533
ISL28633
ISL28534
ISL28634
ISL28535
ISL28635
0
0
111
0Z
2
2
100
01
4
10
120
Z
0
5
50
150
Z
Z
10
100
180
Z
1
20
200
200
1
0
40
300
300
1
Z
50
500
500
1
1
100
1000
1000
APPLICATIONS
MEDICAL
PIEZO-ELECTRIC
PRESSURE SENSOR
FLUID SENSOR
SHUNT SENSE
OPTICAL SENSORS
STRAIN GAUGE
THERMOCOUPLE
STRAIN GAUGE
NOTE: For valid logic “Z” state leave G0/G1 pins in high impedance state. Internal 100kΩ pull-up and pull-down resistors on these pins establishes logic
“Z”. See Application Section for more information.
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28533FVZ
28533 FVZ
-40 to +125
14 Ld TSSOP
M14.173
ISL28534FVZ
28534 FVZ
-40 to +125
14 Ld TSSOP
M14.173
ISL28535FVZ
Coming Soon
28535 FVZ
-40 to +125
14 Ld TSSOP
M14.173
ISL28633FVZ
28633 FVZ
-40 to +125
14 Ld TSSOP
M14.173
ISL28634FVZ
28634 FVZ
-40 to +125
14 Ld TSSOP
M14.173
ISL28635FVZ
Coming Soon
28635 FVZ
-40 to +125
14 Ld TSSOP
M14.173
ISL28533EV2Z
ISL28533 Evaluation Board
ISL28534EV2Z
ISL28534 Evaluation Board
ISL28535EV2Z
Coming Soon
ISL28535 Evaluation Board
ISL28633EV2Z
ISL28633 Evaluation Board
ISL28634EV2Z
ISL28634 Evaluation Board
ISL28635EV2Z
Coming Soon
ISL28635 Evaluation Board
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate
plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL28533, ISL28534, ISL28535, ISL28633, ISL28634, ISL28635. For
more information on MSL please see tech brief TB363.


Similar Part No. - ISL28534EV2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28534EV2Z INTERSIL-ISL28534EV2Z Datasheet
1Mb / 30P
   5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
November 22, 2013
logo
Renesas Technology Corp
ISL28534EV2Z RENESAS-ISL28534EV2Z Datasheet
2Mb / 30P
   5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
More results

Similar Description - ISL28534EV2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28533FVZ INTERSIL-ISL28533FVZ Datasheet
1Mb / 30P
   5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
November 22, 2013
logo
Renesas Technology Corp
ISL28533 RENESAS-ISL28533 Datasheet
2Mb / 30P
   5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
logo
Linear Technology
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Linear Technology
LTC2053 LINER-LTC2053 Datasheet
288Kb / 12P
   Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237 AD-AD8237 Datasheet
648Kb / 28P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com