Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28533EV2Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL28533EV2Z
Description  5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28533EV2Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28533EV2Z Datasheet HTML 1Page - Intersil Corporation ISL28533EV2Z Datasheet HTML 2Page - Intersil Corporation ISL28533EV2Z Datasheet HTML 3Page - Intersil Corporation ISL28533EV2Z Datasheet HTML 4Page - Intersil Corporation ISL28533EV2Z Datasheet HTML 5Page - Intersil Corporation ISL28533EV2Z Datasheet HTML 6Page - Intersil Corporation ISL28533EV2Z Datasheet HTML 7Page - Intersil Corporation ISL28533EV2Z Datasheet HTML 8Page - Intersil Corporation ISL28533EV2Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
5V, Rail-Rail I/O, Zero-Drift, Programmable Gain
Instrumentation Amplifiers
ISL28533, ISL28534, ISL28535, ISL28633, ISL28634, ISL28635
The ISL28533, ISL28534, ISL28535, ISL28633, ISL28634,
and ISL28635 are 5V Zero-Drift Rail-to-Rail Input/Output
Programmable Gain Instrumentation Amplifiers (PGIA). These
instrumentation amplifiers feature low offset, low noise, low
gain error and high CMRR. They are ideal for high precision
applications over the wide industrial temperature range.
These Instrumentation Amplifiers are designed with a unique
2-bit, 3-state logic interface that allows up to 9 selectable gain
settings. The ISL2853x single-ended output includes and
additional uncommitted zero-drift amplifier, useful to buffer
the REF input or used as a precision amplifier. The ISL2863x
differential output amplifier includes a reference pin to set the
common mode output voltage to interface with differential
input ADCs.
Applications
• Pressure and strain gauge transducers
•Weight scales
•Flow sensors
• Biometric: ECG/blood glucose
• Temperature sensors
• Test and measurement
• Data acquisition systems
• Low ohmic current sense
Features
• Ultra high precision front end amplifier
• Zero drift instrumentation amplifier
• Pin selectable 9 gain settings: G = 1 to 1,000
• Rail-to-Rail input/output
• Single ended output (ISL28533, ISL28534, ISL28535)
• Differential output (ISL28633, ISL28634, ISL28635)
• RFI filtered inputs improve EMI rejection
• Single supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5V to 5.5V
• Dual supply . . . . . . . . . . . . . . . . . . . . . . . . . ±1.25V to ±2.75V
• Low input offset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5µV, Max
• Low input offset drift . . . . . . . . . . . . . . . . . . . . . 50nV/°C, Max
• High CMRR . . . . . . . . . . . . . . . . . . . . . . . . . . . . 138dB, G = 100
• Low gain error. . . . . . . . . . . . . . . . . . . . . <0.4%, All Gains, Max
• Gain bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3MHz
• Input voltage noise (0.1Hz to 10Hz). . . . . . . . . . . . . . 0.4µVP-P
• Operating temperature range. . . . . . . . . . . .-40°C to +125°C
Related Literature
• “ISLRE-BDGSTKEV1Z DAQ on a Stick User’s Guide” AN1853
• “ISL28533-633EV2Z User’s Guide” AN1880
FIGURE 1. ISL2853x SINGLE-ENDED OUTPUT
FIGURE 2. ISL2863x DIFFERENTIAL OUTPUT
+
-
+
-
INA-
A2
A1
INA+
+
-
+
-
REF
OUTA
A3
A4
RG
RG
9 GAIN
CONTROL
G0
G1
IN+
IN-
OUT
VA-
VA+
20kΩ
20kΩ
20kΩ
20kΩ
+
-
+
-
+
-
INA-
A2
A1
INA+
OUTA-
A3
RG
RG
G0
G1
+
-
OUTA+
REF
A4
VA-
VA+
20kΩ
20kΩ
20kΩ
20kΩ
9 GAIN
CONTROL
1MΩ
1MΩ
September 24, 2013
FN8364.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2013. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL28533EV2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28533EV2Z INTERSIL-ISL28533EV2Z Datasheet
1Mb / 30P
   5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
November 22, 2013
logo
Renesas Technology Corp
ISL28533EV2Z RENESAS-ISL28533EV2Z Datasheet
2Mb / 30P
   5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
More results

Similar Description - ISL28533EV2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28533FVZ INTERSIL-ISL28533FVZ Datasheet
1Mb / 30P
   5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
November 22, 2013
logo
Renesas Technology Corp
ISL28533 RENESAS-ISL28533 Datasheet
2Mb / 30P
   5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
logo
Linear Technology
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Linear Technology
LTC2053 LINER-LTC2053 Datasheet
288Kb / 12P
   Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237 AD-AD8237 Datasheet
648Kb / 28P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com