Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE180 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MJE180
Description  Low Power Audio Amplifier Low Current High Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MJE180 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MJE180 Datasheet HTML 1Page - Fairchild Semiconductor MJE180 Datasheet HTML 2Page - Fairchild Semiconductor MJE180 Datasheet HTML 3Page - Fairchild Semiconductor MJE180 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, February 2001
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Safe Operating Area
Figure 6. Power Derating
0
123
456
789
10
0
1
2
3
4
5
I
B=200mA
I
B = 120mA
I
B = 140mA
I
B = 160mA
I
B = 180mA
I
B = 100mA
I
B = 60mA
I
B = 80mA
I
B
= 40mA
I
B
= 20mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
10
100
1000
10000
1
10
100
1000
VCE=1V
VCE = 5V
IC[A], COLLECTOR CURRENT
0.01
0.1
1
0.01
0.1
1
10
IC = 10IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
0.1
1
10
100
1
10
100
1000
f=0.1MHZ
I
E=0
V
CB[V], COLLECTOR-BASE VOLTAGE
1
10
100
0.01
0.1
1
10
Dissipat
ion Li
mited
ICMAX.(Pulse)
IC MAX.(DC)
5m
s
S/
B L
im
ite
d
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
2
4
6
8
10
12
14
16
T
C[
o
C], CASE TEMPERATURE


Similar Part No. - MJE180

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE180 MOSPEC-MJE180 Datasheet
228Kb / 4P
   POWER TRANSISTORS(3.0A,40-80V,12.5W)
logo
ON Semiconductor
MJE180 ONSEMI-MJE180 Datasheet
83Kb / 6P
   Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
January, 2006 ??Rev. 9
logo
Savantic, Inc.
MJE180 SAVANTIC-MJE180 Datasheet
102Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJE180 ISC-MJE180 Datasheet
107Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
MJE180 SAVANTIC-MJE180 Datasheet
104Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - MJE180

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE170 FAIRCHILD-KSE170 Datasheet
50Kb / 5P
   Low Power Audio Amplifier Low Current, High Speed Switching Applications
MJE170 FAIRCHILD-MJE170 Datasheet
49Kb / 5P
   Low Power Audio Amplifier Low Current, High Speed Switching Applications
KSE180 FAIRCHILD-KSE180 Datasheet
50Kb / 4P
   Low Power Audio Amplifier Low Current High Speed Switching Applications
logo
Continental Device Indi...
CSD882 CDIL-CSD882 Datasheet
136Kb / 3P
   Audio Frequency Power Amplifier and Low Speed Switching Applications
logo
List of Unclassifed Man...
2SD381 ETC-2SD381 Datasheet
45Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
logo
Toshiba Semiconductor
2SA1359 TOSHIBA-2SA1359_07 Datasheet
130Kb / 4P
   Audio Frequency Power Amplifier Low-Speed Switching
logo
First Silicon Co., Ltd
FTD882 FS-FTD882 Datasheet
120Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
logo
List of Unclassifed Man...
2SD795 ETC-2SD795 Datasheet
42Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
2SD809 ETC-2SD809 Datasheet
39Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
logo
First Silicon Co., Ltd
FTB772 FS-FTB772 Datasheet
117Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com