Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILA3354 Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # ILA3354
Description  IC for Electronic Ballasts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILA3354 Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  ILA3354_11 Datasheet HTML 1Page - IK Semicon Co., Ltd ILA3354_11 Datasheet HTML 2Page - IK Semicon Co., Ltd ILA3354_11 Datasheet HTML 3Page - IK Semicon Co., Ltd ILA3354_11 Datasheet HTML 4Page - IK Semicon Co., Ltd ILA3354_11 Datasheet HTML 5Page - IK Semicon Co., Ltd ILA3354_11 Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ILA3354
2011, February, Rev. 01
Functional Description
At the moment of current feeding at terminal VCC, the IC generates the supply voltage via backup capacitor
externally connected. As soon as an internal switching threshold of 7 V is reached, trigger pulses are delivered at the
output TR with a repetition instalment of 960 µs. After successful triggering of the oscillator circuit, an oscillation
detector guarantees blocking of further trigger pulses. It identifies a stable oscillating process, after a minimum of
oscillations is detected per timing.
As soon as a switching threshold of 8 V is reached, all logic units are reset and the timer output S is activated as
well. The IC starts a counter, which interrupts the control after one second.
Furthermore, the IC monitors the temperature and the oscillation circuit from a supply voltage of 8 V.
The comparator input EI is useful for error detection. Voltage > 3.75 V, applied at EI, are evaluated as error
signals. The error signal is enquired and registered within a cycle repeating every 960 µs. After registration of the error
signal, a counter starts to generate a delay of one second. After this delay time, the voltage at EI is evaluated again. The
error storage is set only after a second error, appearing within a directly following evaluation cycle. This error storage is
resettable by a short-time power supply disconnection, or with input LW connected via a change of lamp.
The error storing causes the cutting further triggers and the control of the turn-off transistor as well, which turns
the output TR to ground. Therefore, the turn-off transistor prevents the control of the oscillator circuit, attenuating it
extremely quickly.
Thereby, the current consumption increases by the control of the turn-off transistor. This current amounts more
than 5 mA, that the supply voltage across the backup capacitor at pin VCC breaks down (because nominal current feed is
less 5 mA). With a switching threshold of 6 V, the control current of the turn-off transistor is switched off, that enables
the supply voltage to rise up to the limiting voltage. Because the trigger pulse gate, blocked by the error memory, the
oscillation can’t start again.
With error storing and attenuation of the oscillation by over temperature it can be defined via selection of the
temperature mode, whether the oscillation is automatically triggered after cooling-down of the assembly, or only after
mains disconnection.
Absolute Maximum Ratings
Parameter
Pin
Symbol
min
max
Unit
current consumption
VCC
ICCeff
20
mA
peak current for t< 100 µs
VCC
ICCM
100
mA
input voltage error indicator
EI
VErr
-0.3
VCC
V
input voltage lamp
exchange input
LW
VLW
-0.3
15
V
voltage difference between
VLW and VCC for
divider factor 16 via LW
LW
VLW
- V
CC
6
V
input current at pin TM
TM
ITM
1
mA
negative current load
for t<1µs with max. repeat
frequency = 200kHz
TR
ITR(neg.)
-500
mA
switching output current
S
IS
1
mA
junction temperature
Tj
150
°C
storage temperature
Tstg
-50
150
°C
ambient temperature
Tamb
-20
120
°C
ESD protection
VESD
2
kV
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Similar Part No. - ILA3354_11

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILA3354 INTEGRAL-ILA3354 Datasheet
217Kb / 6P
   IC for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354 Datasheet
219Kb / 6P
   IC for Electronic Ballasts
More results

Similar Description - ILA3354_11

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
TFA3351 GSG-TFA3351 Datasheet
140Kb / 12P
   IC for Electronic Ballasts
logo
KODENSHI_AUK CORP.
KKA3354 KODENSHI-KKA3354 Datasheet
235Kb / 6P
   IC for Electronic Ballasts
logo
List of Unclassifed Man...
TFA3351 ETC2-TFA3351 Datasheet
104Kb / 12P
   IC for Electronic Ballasts
logo
Integral Corp.
ILA3354 INTEGRAL-ILA3354 Datasheet
217Kb / 6P
   IC for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354 Datasheet
219Kb / 6P
   IC for Electronic Ballasts
logo
Gunter Seniconductor Gm...
TFA3354 GSG-TFA3354 Datasheet
129Kb / 12P
   IC for Electronic Ballasts
logo
List of Unclassifed Man...
TFA3354 ETC-TFA3354 Datasheet
123Kb / 12P
   Control and Monitoring IC for Electronic Ballasts
logo
JILIN SINO-MICROELECTRO...
3DD4243DY JSMC-3DD4243DY Datasheet
264Kb / 5P
   Electronic ballasts
logo
STMicroelectronics
VK06TL STMICROELECTRONICS-VK06TL Datasheet
33Kb / 2P
   ELECTRONIC DRIVER FOR TL BALLASTS
logo
Cirrus Logic
CS1601 CIRRUS-CS1601 Datasheet
816Kb / 16P
   Digital PFC Controller for Electronic Ballasts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com