Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP4R60D60 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # DP4R60D60
Description  control relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DP4R60D60 Datasheet(HTML) 1 Page - Crydom Inc.,

  DP4R60D60 Datasheet HTML 1Page - Crydom Inc., DP4R60D60 Datasheet HTML 2Page - Crydom Inc., DP4R60D60 Datasheet HTML 3Page - Crydom Inc., DP4R60D60 Datasheet HTML 4Page - Crydom Inc., DP4R60D60 Datasheet HTML 5Page - Crydom Inc., DP4R60D60 Datasheet HTML 6Page - Crydom Inc., DP4R60D60 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DP Series
DC Reversing Solid State Contactor
• Ratings of 20, 40 & 60 Amps
• Load voltage ratings of 1-48VDC
• Optional Soft Start w/Brake, Soft Start/Soft Stop no Brake
• LED input status indicator. Green (Forward), Yellow (Reverse)
• DC control
• cULus Recognized, IEC Rated, CE & RoHS Compliant
PRODUCT SELECTION
Description
20 A
40 A
60 A
4-15 VDC
DP4R60D20
DP4R60D40
DP4R60D60
18-32VDC
DP4R60E20
DP4R60E40
DP4R60E60
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
20 A
40 A
60 A
Operating Voltage [VDC]
1-48
1-48
1-48
UL 508 Resistive Load, IEC 60947-4-1 DC-1 [Adc]
20
40
60
UL 508 Motor Controller, IEC 60947-4-1 DC-3 [FLA]
13
14
15
Minimum Load Current [A]
0.10
0.10
0.10
Maximum Surge Current (10ms) [Adc]
80
140
240
Maximum Off-State Leakage Current @ Rated Voltage [µA]
20
20
20
Maximum On-State Voltage Drop @ Rated Current [Vdc]
0.28
0.28
0.30
Combined Thermal Resistance Junction to Case (Rjc) [°C/W]
0.40
0.20
0.13
Maximum On-State Resistance, per switch, (RDS-ON) [Ohms]
0.014
0.007
0.005
Total Power Dissipation per module, 2 switches conducting, Tj=100° C [Watts]
20
40
60
Internal PWM For Soft Start/Stop Versions [Duty Cycle 10-100%] [Hz]
200
200
200
Output Terminal Screw size
10-32 Combo Head
1/4-20 Hex
1/4-20 Hex
Screw Torque Range [in lbs/Nm]
15-20 / 1.7-2.3
20-25 / 2.3-2.8
20-25 / 2.3-2.8
Maximum Wire Size
10 AWG
8 AWG
6 AWG
Weight (typical)
10.9 oz (310g)
12.2 oz (345g)
12.2 oz (345g)


Similar Part No. - DP4R60D60

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DP4R60D60B CRYDOM-DP4R60D60B Datasheet
1Mb / 7P
   DP Series
More results

Similar Description - DP4R60D60

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DSD2410 CRYDOM-DSD2410_10 Datasheet
653Kb / 5P
   Control Relays
logo
Allen-Bradley
700S-CF ALLEN-BRADLEY-700S-CF Datasheet
193Kb / 12P
   Safety Control Relays
logo
Fuji Electric
RB104 FUJI-RB104 Datasheet
51Kb / 1P
   Industrial Control Relays
logo
Allen-Bradley
700S-P ALLEN-BRADLEY-700S-P Datasheet
71Kb / 3P
   Safety Control Relays
logo
Siemens Semiconductor G...
3RH1921-1EA11 SIEMENS-3RH1921-1EA11 Datasheet
552Kb / 4P
   Contactors / 3RH Control Relays
logo
Eaton All Rights Reserv...
EASY500 EATON-EASY500 Datasheet
300Kb / 23P
   Control Relays and Timers EASY Intelligent Relays
August 2011
logo
Siemens Semiconductor G...
3RH1921-1FA22 SIEMENS-3RH1921-1FA22 Datasheet
552Kb / 4P
   3RT Contactors / 3RH Control Relays
logo
SHINMEI ELECTRIC CO., L...
RPK SHINMEI-RPK Datasheet
119Kb / 3P
   Automotive Relays for motor control
logo
celduc-relais
SMCW6080 CELDUC-SMCW6080 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
SMCW6020 CELDUC-SMCW6020 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com