Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJD45H11 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. MJD45H11
Description  General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MJD45H11 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. C2, July 2003
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Safe Operating Area
Figure 3. Power Derating
-0.01
-0.1
-1
-10
1
10
100
1000
VCE = -1V
IC[A], COLLECTOR CURRENT
-1
-10
-100
-1000
-0.01
-0.1
-1
-10
-100
5m
s
100
µs
500
µs
1m
s
DC
I
CP(max)
I
C
(max)
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
5
10
15
20
25
T
C[
o
C], CASE TEMPERATURE


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn