Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD44H11 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MJD44H11
Description  General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MJD44H11 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MJD44H11 Datasheet HTML 1Page - Fairchild Semiconductor MJD44H11 Datasheet HTML 2Page - Fairchild Semiconductor MJD44H11 Datasheet HTML 3Page - Fairchild Semiconductor MJD44H11 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A2, June 2001
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤300µs, Duty Cycle≤2%
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
80
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
8
A
ICP
Collector-Current (Pulse)
16
A
PC
Collector Dissipation (TC=25°C)
20
W
Collector Dissipation (Ta=25°C)
1.75
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
*Collector-Emitter Sustaining Voltage
IC = 30mA, IB = 0
80
V
ICEO
Collector Cut-off Current
VCE = 80V, IB = 0
10
µA
IEBO
Emitter Cut-off Current
VBE = 5V, IC = 0
50
µA
hFE
*DC Current Gain
VCE = 1V, IC = 2A
VCE = 1V, IC = 4A
60
40
VCE(sat)
*Collector-Emitter Saturation Voltage
IC = 8A, IB = 0.4A
1
V
VBE(on)
*Base-Emitter ON Voltage
IC = 8A, IB = 0.8A
1.5
V
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 0.5A
50
MHz
Cob
Output Capacitance
VCB =10V, f = 1MHz
130
pF
tON
Turn ON Time
IC = 5A
IB1 = - IB2 = 0.5A
300
ns
tSTG
Storage Time
500
ns
tF
Fall Time
140
ns
MJD44H11
General Purpose Power and Switching Such
as Output or Driver Stages in Applications
D-PAK for Surface Mount Applications
• Load Formed for Surface Mount Application (No Suffix)
• Straight Lead (I-PAK, “- I” Suffix)
• Electrically Similar to Popular MJE44H
• Fast Switching Speeds
• Low Collector Emitter Saturation Voltage
1.Base
2.Collector
3.Emitter
D-PAK
I-PAK
11


Similar Part No. - MJD44H11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
logo
Powerex Power Semicondu...
MJD44H11 POWEREX-MJD44H11 Datasheet
263Kb / 7P
   Gate Driver
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Rectron Semiconductor
MJD44H11 RECTRON-MJD44H11 Datasheet
302Kb / 2P
   Designed for general purpose power and switching
logo
STMicroelectronics
MJD44H11 STMICROELECTRONICS-MJD44H11 Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON PNP TRANSISTORS
More results

Similar Description - MJD44H11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSH44H11I FAIRCHILD-KSH44H11I Datasheet
42Kb / 5P
   General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
KSH45H11 FAIRCHILD-KSH45H11 Datasheet
42Kb / 5P
   General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
MJD45H11 FAIRCHILD-MJD45H11 Datasheet
42Kb / 5P
   General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
KSH3055 FAIRCHILD-KSH3055 Datasheet
50Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
KSH41C FAIRCHILD-KSH41C Datasheet
53Kb / 6P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
MJD3055 FAIRCHILD-MJD3055 Datasheet
44Kb / 4P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
MJD32 FAIRCHILD-MJD32 Datasheet
49Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
MJD41C FAIRCHILD-MJD41C Datasheet
47Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
KSH32 FAIRCHILD-KSH32 Datasheet
55Kb / 6P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
MJD2955 FAIRCHILD-MJD2955 Datasheet
43Kb / 4P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com