Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF5408 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # UF5408
Description  Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF5408 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  UF5408 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF5408 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd UF5408 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Diffused junction
* Capable of meeting environmental standards
of MIL-S-19500
* For use in high frequency rectifier circuits
* Ultrafast recovery time for high efficiency
* High temperature soldering guaranteed:
260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
2.Mechanical Data
Case: JEDEC DO-201AD, molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.04 oz., 1.13 g
Handling precautin:None
3.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
l
o
b
m
y
s
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
UF54
00
UF54
01
UF54
02
UF54
03
UF54
04
UF54
05
UF54
06
UF54
07
UF54
08
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
300
400
500
600
800 1000
V
Maximum RMS voltage
VRMS
35
70
140
210
280
350
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
300
400
500
600
800 1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Typical thermal resistance (Note 2)
R
θJ
A
°C/W
Maximum DC blocking voltage temperature
TA
°C
Operating junction temperature range
TJ
°C
Storage temperature range
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
l
o
b
m
y
s
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
UF54
00
UF54
01
UF54
02
UF54
03
UF54
04
UF54
05
UF54
06
UF54
07
UF54
08
Unit
Maximum instantaneous forward voltage at 3.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
A
µ
R
I
Typical reverse recovery time (Note 1)
trr
ns
F
P
J
C
z
H
M
1
,
V
0
.
4
t
a
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
j
l
a
c
i
p
y
T
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
UF5400 thru UF5408
10
200
36
20
150
5
7
0
5
1.00
1.30
1.70
45
3.0
–50 to +150
–50 to +150
150
Ultrafast Rectifiers
Reverse Voltage 50 to 1000V
Forward Current 3.0A
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725


Similar Part No. - UF5408

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
UF5408 JGD-UF5408 Datasheet
159Kb / 2P
   3.0 AMP. ULTRA FAST RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
UF5408 YFWDIODE-UF5408 Datasheet
427Kb / 3P
   High Efficiency Silicon Rectifiers
logo
Microdiode Electronics ...
UF5408 CHENDA-UF5408 Datasheet
74Kb / 2P
   ULTRA FAST RECTIFIERS Reverse Voltage - 50 to 1000 Volts
logo
TAITRON Components Inco...
UF5408 TAITRON-UF5408 Datasheet
162Kb / 4P
   3.0A Ultra Fast Recovery Rectifier
logo
DONGGUAN YOU FENG WEI E...
UF5408 YFWDIODE-UF5408 Datasheet
818Kb / 2P
   3.0Amp High Efficiency Rectifiers
More results

Similar Description - UF5408

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
UF5400 LRC-UF5400 Datasheet
417Kb / 3P
   Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
UF4001 LRC-UF4001_14 Datasheet
289Kb / 7P
   Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Rugao Dachang Electroni...
HER301G DACHANG-HER301G Datasheet
157Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
RGP30A DACHANG-RGP30A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
HER301 DACHANG-HER301 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
Leshan Radio Company
RGP30MA LRC-RGP30MA Datasheet
448Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
Rugao Dachang Electroni...
FR301 DACHANG-FR301 Datasheet
154Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 3.0A
FR301G DACHANG-FR301G Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
Leshan Radio Company
UF5400G LRC-UF5400G Datasheet
195Kb / 7P
   Glass Passivated Junction Ultra Fast Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
HFM301 LRC-HFM301 Datasheet
204Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com