Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF1008 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # UF1008
Description  ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF1008 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  UF1008 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF1008 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ULTRAFAST SWITCHING RECTIFIER
VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
FEATURES
‧Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing
Flame Retardant Epoxy Molding Compound
‧Exceeds environmental standards of MIL-S-19500/228
‧Low power loss, high efficiency
‧Low forward voltage, high current capability
‧High surge capacity
‧Ultra Fast recovery times, high voltage
High temperature soldering : 260
OC / 10 seconds at terminals
‧ Pb free product at available : 99% Sn above meet RoHS environment
substance directive request
MECHANCALDATA
‧Case: TO-220AC molded plastic
‧Terminals: Lead solderable per MIL-STD-202, Method 208
‧Polarity: As marked
‧Mounting Position: Any
‧Weight: 0.08 ounce, 2.24 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 OC J ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
TYPE NUMBER
UF1000
UF1001
UF1002
UF1003
UF1004
UF1006
UF1008
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
300
400
600
800
V
Maximum RMS Voltage
35
70
140
210
280
420
560
V
Maximum DC Blocking Voltage
50
100
200
300
400
600
800
V
Maximum Average Forward Rectified
Current .375”(9.5mm) lead length @ TC=100
A
0
1
Peak Forward Surge Current, 8.3ms single half sine
wave superimposed on rated load(JECEC method)
A
0
5
1
Maximum Instantaneous Forward Voltage at 10.0A
1.0
1.3
1.7
V
Maximum DC Reverse Current
@TA=25
at Rated DC Blocking Voltage
@TA=125
10.0
500
μA
μA
Maximum Reverse Recovery Time(Note 1)
50
75
ns
Typical Junctioncap acitance (Note 2)
80
50
pF
Typical Junction Resi stance (Note 2) R
өJA
15
Operating and Storage Temperature Range TJ,TSTG
-55 to +150
NOTES:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
3. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
TO-220AC Unit:inch(mm)
.419(10.66)
MAX
.196(5.0)
.163(4.16)
.054(1.39)
.045(1.15)
.114(2.9)
.098(2.5)
.025(0.65)
MAX
.139(3.55)
.MIN
DIA
PIN1
3
2
.177(4.5)
.MAX
.038(0.96)
.019(.5)
.100(2.54)
.624(15.87)
.548(13.93)
.50(12.7)
MAX
.269(6.85)
.226(5.75)
DATA SHEET
UF1000~UF1008
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
°C
°C/W
°C
°C
SYMBOL
VF
IR
TSTG
°C


Similar Part No. - UF1008

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1008 PANJIT-UF1008 Datasheet
60Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
Won-Top Electronics
UF1008 WTE-UF1008 Datasheet
44Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1008 WTE-UF1008 Datasheet
50Kb / 4P
   10A GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1008 PANJIT-UF1008 Datasheet
75Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
UF1008 CHENG-YI-UF1008 Datasheet
170Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
More results

Similar Description - UF1008

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
60Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF1000F PANJIT-UF1000F Datasheet
59Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
Yea Shin Technology Co....
UF1000F YEASHIN-UF1000F Datasheet
45Kb / 2P
   ULT RAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
logo
Pan Jit International I...
UF600 PANJIT-UF600 Datasheet
68Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
UF800F PANJIT-UF800F Datasheet
74Kb / 2P
   ISOLATION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Yea Shin Technology Co....
UF1000CT YEASHIN-UF1000CT Datasheet
40Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
logo
Pan Jit International I...
UF150G PANJIT-UF150G Datasheet
56Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.5 Amperes)
UF600G PANJIT-UF600G Datasheet
68Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
UF300G PANJIT-UF300G Datasheet
68Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
UF2A PANJIT-UF2A Datasheet
74Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com