Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPF10K50V Datasheet(PDF) 94 Page - Altera Corporation

Part # EPF10K50V
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K50V Datasheet(HTML) 94 Page - Altera Corporation

Back Button EPF10K50V Datasheet HTML 90Page - Altera Corporation EPF10K50V Datasheet HTML 91Page - Altera Corporation EPF10K50V Datasheet HTML 92Page - Altera Corporation EPF10K50V Datasheet HTML 93Page - Altera Corporation EPF10K50V Datasheet HTML 94Page - Altera Corporation EPF10K50V Datasheet HTML 95Page - Altera Corporation EPF10K50V Datasheet HTML 96Page - Altera Corporation EPF10K50V Datasheet HTML 97Page - Altera Corporation EPF10K50V Datasheet HTML 98Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 128 page
background image
94
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Notes to tables:
(1)
All timing parameters are described in Tables 32 through 38 in this data sheet.
(2)
Using an LE to register the signal may provide a lower setup time.
(3)
This parameter is specified by characterization.
Tables 78 through 84 show EPF10K130V device internal and external
timing parameters.
Table 78. EPF10K130V Device LE Timing Microparameters
Note (1)
Symbol
-2 Speed Grade
-3 Speed Grade
-4 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tLUT
1.3
1.8
2.3
ns
tCLUT
0.5
0.7
0.9
ns
tRLUT
1.2
1.7
2.2
ns
tPACKED
0.5
0.6
0.7
ns
tEN
0.6
0.8
1.0
ns
tCICO
0.2
0.3
0.4
ns
tCGEN
0.3
0.4
0.5
ns
tCGENR
0.7
1.0
1.3
ns
tCASC
0.9
1.2
1.5
ns
tC
1.9
2.4
3.0
ns
tCO
0.6
0.9
1.1
ns
tCOMB
0.5
0.7
0.9
ns
tSU
0.2
0.2
0.3
ns
tH
0.0
0.0
0.0
ns
tPRE
2.4
3.1
3.9
ns
tCLR
2.4
3.1
3.9
ns
tCH
4.0
4.0
4.0
ns
tCL
4.0
4.0
4.0
ns


Similar Part No. - EPF10K50V

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50V ALTERA-EPF10K50V Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50V ALTERA-EPF10K50V Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50V ALTERA-EPF10K50V Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K50V ALTERA-EPF10K50V Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50V ALTERA-EPF10K50V Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K50V

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com