Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPF10K50V Datasheet(PDF) 58 Page - Altera Corporation

Part # EPF10K50V
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K50V Datasheet(HTML) 58 Page - Altera Corporation

Back Button EPF10K50V Datasheet HTML 54Page - Altera Corporation EPF10K50V Datasheet HTML 55Page - Altera Corporation EPF10K50V Datasheet HTML 56Page - Altera Corporation EPF10K50V Datasheet HTML 57Page - Altera Corporation EPF10K50V Datasheet HTML 58Page - Altera Corporation EPF10K50V Datasheet HTML 59Page - Altera Corporation EPF10K50V Datasheet HTML 60Page - Altera Corporation EPF10K50V Datasheet HTML 61Page - Altera Corporation EPF10K50V Datasheet HTML 62Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 128 page
background image
58
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Figure 26. FLEX 10K Device IOE Timing Model
Figure 27. FLEX 10K Device EAB Timing Model
Figures 28 shows the timing model for bidirectional I/O pin timing.
Data-In
I/O Register
Delays
tIOCO
tIOCOMB
tIOSU
tIOH
tIOCLR
Output Data
Delay
tIOD
I/O Element
Control Delay
tIOC
Input Register Delay
tINREG
Output
Delays
tOD1
tOD2
tOD3
tXZ
tZX1
tZX2
tZX3
I/O Register
Feedback Delay
tIOFD
Input Delay
tINCOMB
Clock Enable
Clear
Data Feedback
into FastTrack
Interconnect
Clock
Output Enable
EAB Data Input
Delays
tEABDATA1
tEABDATA2
Data-In
Write Enable
Input Delays
tEABWE1
tEABWE2
EAB Clock
Delay
tEABCLK
Input Register
Delays
tEABCO
tEABBYPASS
tEABSU
tEABH
tEABCH
tEABCL
RAM/ROM
Block Delays
tAA
tDD
tWP
tWDSU
tWDH
tWASU
tWAH
tWO
Output Register
Delays
tEABCO
tEABBYPASS
tEABSU
tEABH
tEABCH
tEABCL
tEABOUT
Address
WE
Input Register
Clock
Output Register
Clock
Data-Out
EAB Output
Delay


Similar Part No. - EPF10K50V

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50V ALTERA-EPF10K50V Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50V ALTERA-EPF10K50V Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50V ALTERA-EPF10K50V Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K50V ALTERA-EPF10K50V Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50V ALTERA-EPF10K50V Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K50V

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com