Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UF301 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part No. UF301
Description  ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YEASHIN [Yea Shin Technology Co., Ltd]
Homepage  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF301 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  UF301 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF301 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm. 22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
10
1
0.1
0.01
0
.2
.4
.6
.8
1.0 1.2
1.4
1.6
UF3010
TJ = 25
UF300
TYPICAL
FORWARD VOLTAGE-VFM(Vpk)
4.0
3.0
2.0
1.0
0
25
50
75
100
125
150
175
200
.375" 9.5MM LENGTH
AMBIENT TEMPERATURE,
Fig. 2-FORWARD CHARACTERISTICS
Fig. 3-FORWARD CURRENT DERATING CURVE
100
10
1
0.1
0.01
0
20
40
60
80
100
120
140
TJ = 125
TJ = 100
TJ = 25
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
150
120
90
60
30
1
2
4
6
8 10
20
60 80 100
40
0
NUMBER OF CYCLES AT 60Hz
Fig. 4-TYPICAL REVERSE LEAKAGE
CHARACTERISTICS
Fig. 5-PEAK FORWARD SURGE CURRENT
UF300~UF3010
http://www.yeashin.com
2
REV.02 20110725
°C
°C
°C


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn