Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D06D100 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # D06D100
Description  panel mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

D06D100 Datasheet(HTML) 1 Page - Crydom Inc.,

  D06D100 Datasheet HTML 1Page - Crydom Inc., D06D100 Datasheet HTML 2Page - Crydom Inc., D06D100 Datasheet HTML 3Page - Crydom Inc., D06D100 Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D06D Series
• MOSFET output
• Ratings from 60A to 100A @ 60 VDC
• DC control
• Relays are easily paralleled for higher-current applications
PRODUCT SELECTION
Control Voltage
60A
80A
100A
3.5-32 VDC
D06D60
D06D80
D06D100
OUTPUT SPECIFICATIONS (1)
Description
Operating Voltage Range
0-60 VDC
0-60 VDC
0-60 VDC
Maximum Off-State Leakage Current @ Rated Voltage [mA]
0.1
0.2
0.3
Maximum On-State Resistance @ Rated Current [RDS-ON][Ohms]
0.010
0.008
0.005
Maximum Load Current (3) [Adc]
60
80
100
Minimum Load Current [mA]
5
5
5
Maximum Surge Current [Adc] (10ms)
180
220
270
Maximum On-State Voltage Drop @ Rated Current [Vdc]
0.6
0.7
0.5
Thermal Resistance Junction to Case (Rjc) [°C/W]
0.6
0.47
0.32
INPUT SPECIFICATIONS (1)
Description
DC Control
Control Voltage Range
3.5-32 VDC
Minimum Turn-On Voltage
3.5 VDC
Minimum Turn-Off Voltage
1.0 VDC
Maximum Input Current
1.6 mA (5 VDC), 28 mA (32 VDC)
Nominal Input Impedance
See Note 4
Maximum Turn-On Time [μsec]
300
Maximum Turn-Off Time [msec]
1.0
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
2500 Vrms
Minimum Insulation Resistance (@ 500 V DC)
109 Ohm
Maximum Capacitance, Input/Output
50 pF
Ambient Operating Temperature Range
-30 to 80°C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
3.0 oz (86.5g)
Encapsulation
Thermally conductive Epoxy
Terminals
Screws and Saddle Clamps Furnished, Unmounted
Recommended Terminal Screw Torque Range:
6-32 Screws - 10 in lbs. 8-32 and 10-32 Screws -20 in. lbs. (Screws dry without grase)
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Dielectric strength and insulation resistance are measured between input and output.
3) Heat sinking required, see derating curves.
4) Input circuitry incorporates active current limiter


Similar Part No. - D06D100

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D06D100 CRYDOM-D06D100 Datasheet
589Kb / 4P
   Panel Mount
D06D100 CRYDOM-D06D100 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Sensata Technologies, I...
D06D100 SENSATA-D06D100 Datasheet
535Kb / 7P
   DC OUTPUT PANEL MOUNT SOLID STATE RELAYS
More results

Similar Description - D06D100

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
   PANEL MOUNT
H16WD6025 CRYDOM-H16WD6025_13 Datasheet
740Kb / 7P
   panel mount
CMD2425 CRYDOM-CMD2425_11 Datasheet
580Kb / 5P
   Panel Mount
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
   Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
   Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
   Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
   Panel Mount
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
   panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
   panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
   panel mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com