Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C6 Datasheet(PDF) 3 Page - Altera Corporation

Part # EP1C6
Description  This datasheet describes enhanced configuration (EPC) devices
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C6 Datasheet(HTML) 3 Page - Altera Corporation

  EP1C6 Datasheet HTML 1Page - Altera Corporation EP1C6 Datasheet HTML 2Page - Altera Corporation EP1C6 Datasheet HTML 3Page - Altera Corporation EP1C6 Datasheet HTML 4Page - Altera Corporation EP1C6 Datasheet HTML 5Page - Altera Corporation EP1C6 Datasheet HTML 6Page - Altera Corporation EP1C6 Datasheet HTML 7Page - Altera Corporation EP1C6 Datasheet HTML 8Page - Altera Corporation EP1C6 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Functional Description
Page 3
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
Table 2 lists the supported EPC devices required to configure an ACEX 1K, APEX 1K,
APEX 20K, APEX 20KC, APEX 20KE, APEX II, Arria GX, Cyclone, Cyclone II,
FLEX 10K, FLEX 10KA, FLEX 10KE, Stratix, Stratix GX, Stratix II, Stratix II GX, or
Mercury device.
Table 2. Supported EPC Devices for Each Device Family (Part 1 of 3)
Device Family
Device
Data Size (Bits)
(1)
EPC Devices
EPC4 (2)
EPC8 (2)
EPC16 (2)
Arria GX
EP1AGX20C
9,640,672
1
EP1AGX35C
EP1AGX35D
9,640,672
1
EP1AGX50C
EP1AGX50D
16,951,824
1
EP1AGX60C
EP1AGX60D
EP1AGX60E
16,951,824
1
EP1AGX90E
25,699,104
1
Stratix
EP1S10
3,534,640
1
1
1
EP1S20
5,904,832
1
1
1
EP1S25
7,894,144
1
1
EP1S30
10,379,368
1
1
EP1S40
12,389,632
1
1
EP1S60
17,543,968
1
EP1S80
23,834,032
1
Stratix GX
EP1SGX10
3,534,640
1
1
1
EP1SGX25
7,894,144
1
1
EP1SGX40
12,389,632
1
1
Stratix II
EP2S15
4,721,544
1
1
1
EP2S30
9,640,672
1
1
EP2S60
16,951,824
1
EP2S90
25,699,104
EP2S130
37,325,760
EP2S180
49,814,760
Stratix II GX
EP2SGX30C
9,640,672
1
EP2SGX30D
9,640,672
1
EP2SGX60C
16,951,824
1
EP2SGX60D
16,951,824
1
EP2SGX60E
16,951,824
1
EP2SGX90E
25,699,104
EP2SGX90F
25,699,104
EP2SGX130G
37,325,760


Similar Part No. - EP1C6

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C6 ALTERA-EP1C6 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP1C6 ALTERA-EP1C6 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP1C6 ALTERA-EP1C6 Datasheet
157Kb / 7P
   Cyclone Series Device Thermal Resistance
EP1C6 ALTERA-EP1C6 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP1C6 ALTERA-EP1C6 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
More results

Similar Description - EP1C6

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC16UC88N ALTERA-EPC16UC88N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC8QC100N ALTERA-EPC8QC100N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16UI88AA ALTERA-EPC16UI88AA Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC1441TC32N ALTERA-EPC1441TC32N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPCQ256SI16N ALTERA-EPCQ256SI16N Datasheet
1Mb / 42P
   Quad-Serial Configuration (EPCQ) Devices Datasheet
logo
STMicroelectronics
AN3286 STMICROELECTRONICS-AN3286 Datasheet
1Mb / 42P
   This document describes
AN3955 STMICROELECTRONICS-AN3955 Datasheet
717Kb / 68P
   This document describes
UM0501 STMICROELECTRONICS-UM0501 Datasheet
231Kb / 19P
   This document describes
logo
Altera Corporation
EPC8QC100 ALTERA-EPC8QC100 Datasheet
421Kb / 36P
   2. Enhanced Configuration Devices (EPC4, EPC8 & EPC16) Data Sheet
logo
STMicroelectronics
AN2950 STMICROELECTRONICS-AN2950 Datasheet
1Mb / 37P
   This document describes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com