Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF206 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # UF206
Description  ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF206 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  UF206 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF206 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm. 22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
10
1
0.1
0.01
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
UF2010
TJ = 25
UF200
TYPICAL
FORWARD VOLTAGE-VFM(Vpk)
2.4
2.0
1.4
1.2
0.8
0.4
0
25
50
75
100
125
150
175
SINGLE PHASE
HALF WAVE 60Hz
RESISSTIVE OR
INDUCTIVE
LOAD .375" 9.5mm
LEAD LENGTHS
AMBIENT TEMPERATURE,
Fig. 2-FORWARD CHARACTERISTICS
Fig. 3-FORWARD CURRENT DERATING CURVE
100
10
5
1
10
100
TJ = 25
f = 1.0MHz
Vsig = 50mVp-p
REVERSE VOLTAGE, VOLTS
60
48
36
24
12
1
2
4
6
8 10
20
60 80 100
40
NUMBER OF CYCLES AT 60Hz
Fig. 4-TYPICAL JUNCTION CAPACITANCE
Fig. 5-PEAK FORWARD SURGE CURRENT
UF200~UF2010
http://www.yeashin.com
2
REV.02 20110725
°C
°C
°C


Similar Part No. - UF206

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF206 PANJIT-UF206 Datasheet
66Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Chongqing Pingwei Enter...
UF206 CHONGQING-UF206 Datasheet
193Kb / 1P
   2.0AMPS. SILICON ULTRA FAST RECTIFIERS
logo
Transys Electronics
UF206 TRSYS-UF206 Datasheet
153Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Nanjing International G...
UF206 DGNJDZ-UF206 Datasheet
110Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Pan Jit International I...
UF206 PANJIT-UF206 Datasheet
35Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
More results

Similar Description - UF206

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
UF200G YEASHIN-UF200G Datasheet
38Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes
logo
Pan Jit International I...
UF200 PANJIT-UF200 Datasheet
66Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
UF150 PANJIT-UF150 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Yea Shin Technology Co....
UF300G YEASHIN-UF300G Datasheet
44Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
UF300 YEASHIN-UF300 Datasheet
38Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
logo
Pan Jit International I...
UF300 PANJIT-UF300 Datasheet
68Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
PS200R PANJIT-PS200R Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
HER201G DAESAN-HER201G Datasheet
284Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
RL201 DAESAN-RL201 Datasheet
308Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
UF201 DAESAN-UF201 Datasheet
283Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com