Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF150G Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # UF150G
Description  ULTRAFAST GLASS PASSIVATION RECTI FIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF150G Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  UF150G Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF150G Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm. 22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
10
1
0.1
0.01
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
UF1510
TJ = 25
UF150
TYPICAL
FORWARD VOLTAGE-VFM(Vpk)
1.50
1.25
1.00
.75
.50
.25
0
25
50
75
100
125
150
175
SINGLE PHASE
HALF WAVE 60Hz
RESISSTIVE OR
INDUCTIVE
LOAD .375" 9.5mm
LEAD LENGTHS
AMBIENT TEMPERATURE,
Fig. 2-FORWARD CHARACTERISTICS
Fig. 3-FORWARD CURRENT DERATING CURVE
100
10
1
1
4
10
100
TJ = 25
REVERSE VOLTAGE, VOLTS
50
40
30
20
10
1
2
4
6
8 10
20
40 60 80 100
NUMBER OF CYCLES AT 60Hz
Fig. 4-TYPICAL JUNCTION CAPACITANCE
Fig. 5-PEAK FORWARD SURGE CURRENT
UF150G~UF1510G
http://www.yeashin.com
2
REV.02 20110725
°C
°C
°C


Similar Part No. - UF150G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF150G PANJIT-UF150G Datasheet
56Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.5 Amperes)
UF150G PANJIT-UF150G Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
UF150G PANJIT-UF150G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
UF150G ZSELEC-UF150G Datasheet
89Kb / 2P
   1.5A GLASS PASSIVATED ULTRAFAST DIODE
logo
Pan Jit International I...
UF150G PANJIT-UF150G_04 Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
More results

Similar Description - UF150G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF150 PANJIT-UF150 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
DAESAN ELECTRONIC CORP.
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151G DAESAN-RL151G Datasheet
316Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151 DAESAN-RL151 Datasheet
309Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER15X DAESAN-HER15X Datasheet
285Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR151G DAESAN-FR151G Datasheet
315Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
KB151 DAESAN-KB151 Datasheet
225Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
W005M DAESAN-W005M Datasheet
206Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
1N53 DAESAN-1N53 Datasheet
316Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com