Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

431315300200 Datasheet(PDF) 10 Page - YAGEO Corporation

Part No. 431315300200
Description  HIGH FREQUENCY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

431315300200 Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button 431315300200 Datasheet HTML 5Page - YAGEO Corporation 431315300200 Datasheet HTML 6Page - YAGEO Corporation 431315300200 Datasheet HTML 7Page - YAGEO Corporation 431315300200 Datasheet HTML 8Page - YAGEO Corporation 431315300200 Datasheet HTML 9Page - YAGEO Corporation 431315300200 Datasheet HTML 10Page - YAGEO Corporation 431315300200 Datasheet HTML 11Page - YAGEO Corporation 431315300200 Datasheet HTML 12Page - YAGEO Corporation 431315300200 Datasheet HTML 13Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Phycomp
Product specification
High Frequency
SMD type antennas
for BT/802.11b/g application 2.45 GHz size 5.3
× 2.0
2004 Oct 12 Rev.4
10
www.yageo.com
PACKING
Tape and reel specifications
Tape and reel specifications are in accordance with “IEC 60286-3”. Basic dimensions are given in Fig. 6 and 7, and
Table 5 and 6.
Peel-off force
Peel-off force of the blister tape is in accordance with “IEC 60286-3”; that is, at a peel-off speed of 300
±10 mm/minute,
0.1 N to 1.3 N for 16 mm tape. The peel-off angle should be between 165
° and 180°
Blister tape
ENVIRONMENTAL CONSIDERATIONS
• Cover tape, carrier tape and reel do not contain environmentally harmful PVC materials.
• Because the carrier tape is made of polycarbonate, a homogeneous material (mono-plastic), it is ideally suited for
recycling.
Compared to other PVC-free materials polycarbonate shows excellent stiffness and very little deformation with
temperature.
MBG516
E
F
W
P2
P0
D 0
B0
A0
D 1
P1
direction of unreeling
K
T
0
cover tape
T 1
T2
Blister tape specifications
Fig.6
Blister tape
Cumulative pitch error: 0.2 mm over 10 pitches.
Cumulative tolerance over 10 holes:
±0.2 mm.
K0: chosen so that the orientation of the component cannot change.
For dimensions see Table 5.


Similar Part No. - 431315300200

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
431311100245 ETC1-431311100245 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100245 ETC2-431311100245 Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100260 ETC1-431311100260 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100260 ETC2-431311100260 Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100270 ETC1-431311100270 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
More results

Similar Description - 431315300200

ManufacturerPart No.DatasheetDescription
Bel Fuse Inc.
Bel Fuse Inc.
S553-6500-F4 BEL-S553-6500-F4 Datasheet
203Kb / 4P
   HIGH FREQUENCY MAGNETICS HIGH FREQUENCY MAGNETICS
YAGEO Corporation
YAGEO Corporation
CAN4311772052452K YAGEO-CAN4311772052452K Datasheet
486Kb / 6P
   HIGH FREQUENCY
Silicon Laboratories
Silicon Laboratories
SI5344H-42H SILABS-SI5344H-42H Datasheet
1Mb / 56P
   HIGH-FREQUENCY,
Connor-Winfield Corporation
Connor-Winfield Corpora...
AV51-50 CONNOR-WINFIELD-AV51-50 Datasheet
60Kb / 2P
   HIGH FREQUENCY
AV61-100 CONNOR-WINFIELD-AV61-100 Datasheet
87Kb / 2P
   HIGH FREQUENCY
EUROQUARTZ limited
EUROQUARTZ limited
HIGHTEMP-HF EUROQUARTZ-HIGHTEMP-HF Datasheet
199Kb / 2P
   High Temperature/High Frequency
Sanyo Semicon Device
Sanyo Semicon Device
2SK2171 SANYO-2SK2171 Datasheet
114Kb / 5P
   High-Frequency, High-Frequency Amp Analog Switch Applications
IRC - a TT electronics Company.
IRC - a TT electronics ...
PFC-W0603HF-04-50R0-K IRCTT-PFC-W0603HF-04-50R0-K Datasheet
433Kb / 4P
   Mil-Screened High Frequency Mil-Screened High Frequency
Fairchild Semiconductor
Fairchild Semiconductor
KSP5179 FAIRCHILD-KSP5179 Datasheet
26Kb / 3P
   High Frequency Transistor
SEMPO ELECTRONIC Limited
SEMPO ELECTRONIC Limite...
SMTC1-600H SEMPO-SMTC1-600H Datasheet
114Kb / 1P
   High Frequency Thyristor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz