Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

431315300200 Datasheet(PDF) 7 Page - YAGEO Corporation

Part No. 431315300200
Description  HIGH FREQUENCY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

431315300200 Datasheet(HTML) 7 Page - YAGEO Corporation

Back Button 431315300200 Datasheet HTML 3Page - YAGEO Corporation 431315300200 Datasheet HTML 4Page - YAGEO Corporation 431315300200 Datasheet HTML 5Page - YAGEO Corporation 431315300200 Datasheet HTML 6Page - YAGEO Corporation 431315300200 Datasheet HTML 7Page - YAGEO Corporation 431315300200 Datasheet HTML 8Page - YAGEO Corporation 431315300200 Datasheet HTML 9Page - YAGEO Corporation 431315300200 Datasheet HTML 10Page - YAGEO Corporation 431315300200 Datasheet HTML 11Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Phycomp
Product specification
High Frequency
SMD type antennas
for BT/802.11b/g application 2.45 GHz size 5.3
× 2.0
2004 Oct 12 Rev.4
7
www.yageo.com
ORDERING INFORMATION
Components may be ordered by using either a Phycomp’s unique 12NC or the simple 17-digit clear text code (Yageo
part number)
12NC ORDERING CODE
EXAMPLE: 4311 153 00245
4 3 X X
1 5 3
0 0 2 X X
Centre frequency
Tolerance
Size
5.3 x 2.0 x 1.3 mm
53
Packing
11
13
reel:
∅180 mm; 7", blister, 1000 pcs
bulk, 1000 pcs
Material
1
high-frequency material
Family
43
antenna
IWA0008
245 2.45 GHz Default
00
at 100 MHz Impedance Bandwidth
200 2.00 GHz 00type
210 2.10 GHz 01type
230 2.30 GHz 03type
240 2.40 GHz 04type
220 2.20 GHz 02type
250 2.50 GHz 05type
Yageo part number
EXAMPLE: CAN4311153002451K
DESCRIPTION
CODE
Family
CAN43 = antenna products
Packing
11 = 180 mm/7” blister
Materials
1 = high frequency materials
Size
53 = 5.3
× 2.0 × 1.3 mm
Tolerance
00 = large than 100 MHz
Working Frequency(1)
245 = 2.45 GHz (Default)
200 = 2.0 GHz (00 type)
210 = 2.1 GHz (01 type)
220 = 2.2 GHz (02 type)
230 = 2.3 GHz (03 type)
240 = 2.4 GHz (04 type)
250 = 2.5 GHz (05 type)
Packing type
1K = 1,000 pcs per reel
Notes
1.
Depends on the special environment.


Similar Part No. - 431315300200

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
431311100245 ETC1-431311100245 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100245 ETC2-431311100245 Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100260 ETC1-431311100260 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100260 ETC2-431311100260 Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100270 ETC1-431311100270 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
More results

Similar Description - 431315300200

ManufacturerPart No.DatasheetDescription
Bel Fuse Inc.
Bel Fuse Inc.
S553-6500-F4 BEL-S553-6500-F4 Datasheet
203Kb / 4P
   HIGH FREQUENCY MAGNETICS HIGH FREQUENCY MAGNETICS
YAGEO Corporation
YAGEO Corporation
CAN4311772052452K YAGEO-CAN4311772052452K Datasheet
486Kb / 6P
   HIGH FREQUENCY
Silicon Laboratories
Silicon Laboratories
SI5344H-42H SILABS-SI5344H-42H Datasheet
1Mb / 56P
   HIGH-FREQUENCY,
Connor-Winfield Corporation
Connor-Winfield Corpora...
AV51-50 CONNOR-WINFIELD-AV51-50 Datasheet
60Kb / 2P
   HIGH FREQUENCY
AV61-100 CONNOR-WINFIELD-AV61-100 Datasheet
87Kb / 2P
   HIGH FREQUENCY
EUROQUARTZ limited
EUROQUARTZ limited
HIGHTEMP-HF EUROQUARTZ-HIGHTEMP-HF Datasheet
199Kb / 2P
   High Temperature/High Frequency
Sanyo Semicon Device
Sanyo Semicon Device
2SK2171 SANYO-2SK2171 Datasheet
114Kb / 5P
   High-Frequency, High-Frequency Amp Analog Switch Applications
IRC - a TT electronics Company.
IRC - a TT electronics ...
PFC-W0603HF-04-50R0-K IRCTT-PFC-W0603HF-04-50R0-K Datasheet
433Kb / 4P
   Mil-Screened High Frequency Mil-Screened High Frequency
Fairchild Semiconductor
Fairchild Semiconductor
KSP5179 FAIRCHILD-KSP5179 Datasheet
26Kb / 3P
   High Frequency Transistor
SEMPO ELECTRONIC Limited
SEMPO ELECTRONIC Limite...
SMTC1-600H SEMPO-SMTC1-600H Datasheet
114Kb / 1P
   High Frequency Thyristor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz