Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

431115300200 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # 431115300200
Description  HIGH FREQUENCY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

431115300200 Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button 431115300200 Datasheet HTML 5Page - YAGEO Corporation 431115300200 Datasheet HTML 6Page - YAGEO Corporation 431115300200 Datasheet HTML 7Page - YAGEO Corporation 431115300200 Datasheet HTML 8Page - YAGEO Corporation 431115300200 Datasheet HTML 9Page - YAGEO Corporation 431115300200 Datasheet HTML 10Page - YAGEO Corporation 431115300200 Datasheet HTML 11Page - YAGEO Corporation 431115300200 Datasheet HTML 12Page - YAGEO Corporation 431115300200 Datasheet HTML 13Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Phycomp
Product specification
High Frequency
SMD type antennas
for BT/802.11b/g application 2.45 GHz size 5.3
× 2.0
2004 Oct 12 Rev.4
9
www.yageo.com
IEC
60384-10/
CECC32 100
CLAUSE
IEC
60384-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
4.12
4 (Na)
rapid change of
temperature
−55 °C (30 minutes) to +85 °C
(30 minutes); 100 cycles
no visual damage;
central frequency changed to
±6%
4.14
3 (Ca)
damp heat
500
±12 hours at 60 °C;
90 to 95% RH
no visual damage;
2 hours recovery; central
frequency changed to
±6%
4.15
endurance
500
±12 hours at 85 °C
no visual damage; 2 hours
recovery; central frequency
changed to
±6%


Similar Part No. - 431115300200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
431111100245 ETC1-431111100245 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431111100245 ETC2-431111100245 Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431111100260 ETC1-431111100260 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431111100260 ETC2-431111100260 Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431111100270 ETC1-431111100270 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
More results

Similar Description - 431115300200

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-6500-F4 BEL-S553-6500-F4 Datasheet
203Kb / 4P
   HIGH FREQUENCY MAGNETICS HIGH FREQUENCY MAGNETICS
logo
YAGEO Corporation
CAN4311772052452K YAGEO-CAN4311772052452K Datasheet
486Kb / 6P
   HIGH FREQUENCY
logo
Silicon Laboratories
SI5344H-42H SILABS-SI5344H-42H Datasheet
1Mb / 56P
   HIGH-FREQUENCY,
logo
Connor-Winfield Corpora...
AV51-50 CONNOR-WINFIELD-AV51-50 Datasheet
60Kb / 2P
   HIGH FREQUENCY
AV61-100 CONNOR-WINFIELD-AV61-100 Datasheet
87Kb / 2P
   HIGH FREQUENCY
logo
Sanyo Semicon Device
2SK2171 SANYO-2SK2171 Datasheet
114Kb / 5P
   High-Frequency, High-Frequency Amp Analog Switch Applications
logo
IRC - a TT electronics ...
PFC-W0603HF-04-50R0-K IRCTT-PFC-W0603HF-04-50R0-K Datasheet
433Kb / 4P
   Mil-Screened High Frequency Mil-Screened High Frequency
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
   Low Frequency Amplifier & High Frequency Oscillator
logo
Texas Instruments
VFC110 TI1-VFC110 Datasheet
200Kb / 12P
[Old version datasheet]   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
Fairchild Semiconductor
KSC945CGTA FAIRCHILD-KSC945CGTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com