Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0201DR-7C1R Datasheet(PDF) 4 Page - YAGEO Corporation

Part # RC0201DR-7C1R
Description  GENERAL PURPOSE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0201DR-7C1R Datasheet(HTML) 4 Page - YAGEO Corporation

  RC0201DR-7C1R Datasheet HTML 1Page - YAGEO Corporation RC0201DR-7C1R Datasheet HTML 2Page - YAGEO Corporation RC0201DR-7C1R Datasheet HTML 3Page - YAGEO Corporation RC0201DR-7C1R Datasheet HTML 4Page - YAGEO Corporation RC0201DR-7C1R Datasheet HTML 5Page - YAGEO Corporation RC0201DR-7C1R Datasheet HTML 6Page - YAGEO Corporation RC0201DR-7C1R Datasheet HTML 7Page - YAGEO Corporation RC0201DR-7C1R Datasheet HTML 8Page - YAGEO Corporation RC0201DR-7C1R Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
May 02, 2011 V.8
Product specification
4
9
SERIES
RC
0201
CONSTRUCTION
The resistor is constructed on
top of a high-grade ceramic body.
Internal metal electrodes are
added on each end to make the
contacts to the thick film resistive
element. The composition of the
resistive element is a noble metal
imbedded into a glass and
covered by a second glass to
prevent environment influences.
The resistor is laser trimmed to
the rated resistance value. The
resistor is covered with a
protective epoxy coat, finally the
two external terminations (matte
tin on Ni-barrier) are added, as
shown in Fig.2.
MARKING
RC0201
No marking
For further marking information, please refer to data sheet “Chip resistors marking”.
Fig. 1
ynsc007
DIMENSIONS
TYPE
RC0201
L (mm)
0.60 ±0.03
W (mm)
0.30 ±0.03
H (mm)
0.23 ±0.03
I1 (mm)
0.10 ±0.05
I2 (mm)
0.15 ±0.05
Table 1
overcoat
protective glass
resistive layer
(Jumper chip is a conductor)
inner electrode
termination(Ni/matte tin)
ceramic substrate
H
I2
YNSC056
overcoat
W
L
I1
inner electrode
O
OU
UT
TL
LIIN
NE
ES
S
For dimension, please refer to Table 1
Fig. 2 Chip resistor outlines


Similar Part No. - RC0201DR-7C1R

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0201DR-7C22KL YAGEO-RC0201DR-7C22KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201DR-7C470RL YAGEO-RC0201DR-7C470RL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0201DR-7C1R

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com