Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ-43515TS-SMT Datasheet(PDF) 2 Page - CUI INC

Part # SJ-43515TS-SMT
Description  3.5 MM AUDIO JACKS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ-43515TS-SMT Datasheet(HTML) 2 Page - CUI INC

  SJ-43515TS-SMT Datasheet HTML 1Page - CUI INC SJ-43515TS-SMT Datasheet HTML 2Page - CUI INC SJ-43515TS-SMT Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ SERIES: SJ-4351X-SMT │ DESCRIPTION: 3.5 MM AUDIO JACKS
date
11/01/2012 │ page 2 of 3
2.5 0.098
5.3 0.209
18.3 0.720
0.6 0.024
3.4 0.134
12.8 0.504
0.75 0.030
4.50 0.177
7.00 0.276
4.6 0.181
1.70 0.067
(2 PLCS)
12.8 0.504
2.5 0.098
5.3 0.209
0.75 0.030
3.4 0.134
0.6 0.024
2.20X2.80
(2 PLCS)
TOP VIEW
PCB LAYOUT
(2 PLCS)
2.80X2.80
2.00X2.80
(2 PLCS)
2
3
6
14
5
1.5 0.059
3.600 0.142
0.236
6.00
0.264
6.70
0.098
2.50
0.197
5.00
(TYP)
0.197
5.00
0.1 0.004
(TYP)
0.610
15.5
0.059
1.50
0.80 0.031
(TYP)
4
5
2
3
6
1
17.5 0.689
0.276
7.00
0.059
(2 PLCS)
1.50
0.039
(2 PLCS)
0.80 0.031
(2 PLCS)
0.177
4.50
1.00
1.5 0.059
+0.0
-0.1
(2 PLCS)
MECHANICAL DRAWING
MATERIAL
PLATING
terminal 1
copper alloy
silver
terminal 2
copper alloy
silver
terminal 3
copper alloy
silver
terminal 4
copper alloy
silver
terminal 5
brass
silver
terminal 6
copper alloy
silver
plastic
PA6T
Model No.
SJ-43514-SMT
SJ-43515TS-SMT
SJ-43515RS-SMT
SJ-43516-SMT
Schematic
2
4
3
1
2
4
3
5
1
2
6
4
3
1
2
6
4
3
5
1
PIN
1
sleeve
sleeve
sleeve
sleeve
2
tip
tip
tip
tip
3
ring 1
ring 1
ring 1
ring 1
4
ring 2
ring 2
ring 2
ring 2
5
NP
tip switch
NP
tip switch
6
NP
NP
ring switch
ring switch
14
Ø 3.5 MATING PLUG
units: mm[inches]
TOLERANCE:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm


Similar Part No. - SJ-43515TS-SMT

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SJ-43515TS-SMT-TR-BE CUID-SJ-43515TS-SMT-TR-BE Datasheet
500Kb / 4P
   AUDIO JACK
11/17/2022
SJ-43515TS-SMT-TR-GR CUID-SJ-43515TS-SMT-TR-GR Datasheet
500Kb / 4P
   AUDIO JACK
11/17/2022
SJ-43515TS-SMT-TR-PI CUID-SJ-43515TS-SMT-TR-PI Datasheet
500Kb / 4P
   AUDIO JACK
11/17/2022
More results

Similar Description - SJ-43515TS-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-355XNG CUI-SJ1-355XNG Datasheet
143Kb / 3P
   3.5 MM AUDIO JACKS
SJ-4351X-SMT CUI-SJ-4351X-SMT_18 Datasheet
487Kb / 4P
   3.5 MM AUDIO JACKS
SJ1-352XN CUI-SJ1-352XN_17 Datasheet
220Kb / 3P
   3.5 MM AUDIO JACKS
logo
Bel Fuse Inc.
SJ1-353XNG BEL-SJ1-353XNG Datasheet
316Kb / 3P
   3.5 MM AUDIO JACKS
logo
CUI INC
SJ1-351X CUI-SJ1-351X Datasheet
240Kb / 3P
   3.5 mm Audio Jacks
SJ1-351X-SMT CUI-SJ1-351X-SMT Datasheet
231Kb / 4P
   3.5 MM AUDIO JACKS
SJ1-353X CUI-SJ1-353X Datasheet
158Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-353XN CUI-SJ1-353XN Datasheet
310Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-351XN-17 CUI-SJ1-351XN-17 Datasheet
331Kb / 3P
   3.5 MM AUDIO JACKS
SJ-352X-SMT CUI-SJ-352X-SMT Datasheet
168Kb / 3P
   3.5 MM AUDIO JACKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com