Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP4CGX110F17C8 Datasheet(PDF) 20 Page - Altera Corporation

Part # EP4CGX110F17C8
Description  Cyclone IV Device Datasheet
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CGX110F17C8 Datasheet(HTML) 20 Page - Altera Corporation

Back Button EP4CGX110F17C8 Datasheet HTML 16Page - Altera Corporation EP4CGX110F17C8 Datasheet HTML 17Page - Altera Corporation EP4CGX110F17C8 Datasheet HTML 18Page - Altera Corporation EP4CGX110F17C8 Datasheet HTML 19Page - Altera Corporation EP4CGX110F17C8 Datasheet HTML 20Page - Altera Corporation EP4CGX110F17C8 Datasheet HTML 21Page - Altera Corporation EP4CGX110F17C8 Datasheet HTML 22Page - Altera Corporation EP4CGX110F17C8 Datasheet HTML 23Page - Altera Corporation EP4CGX110F17C8 Datasheet HTML 24Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
1–20
Chapter 1: Cyclone IV Device Datasheet
Switching Characteristics
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 3
PLD-Transceiver Interface
Interface speed
(F324 and smaller
package)
25—
125
25—
125
25—
125
MHz
Interface speed
(F484 and larger
package)
25
156.25
25
156.25
25
156.25
MHz
Digital reset pulse
width
Minimum is 2 parallel clock cycles
Notes to Table 1–21:
(1) This specification is valid for transmitter output jitter specification with a maximum total jitter value of 112 ps, typically for 3.125 Gbps SRIO and XAUI
protocols.
(2) The minimum reconfig_clk frequency is 2.5 MHz if the transceiver channel is configured in Transmitter Only mode. The minimum reconfig_clk frequency
is 37.5 MHz if the transceiver channel is configured in Receiver Only or Receiver and Transmitter mode.
(3) The device cannot tolerate prolonged operation at this absolute maximum.
(4) The rate matcher supports only up to ±300 parts per million (ppm).
(5) Supported for the N148, F169, and F324 device packages only.
(6) Supported for the F484, F672, and F896 device packages only. Pending device characterization.
(7) To support CDR ppm tolerance greater than ±300 ppm, implement ppm detector in user logic and configure CDR to Manual Lock Mode.
(8) Asynchronous spread-spectrum clocking is not supported.
(9) For the EP4CGX30 (F484 package only), EP4CGX50, and EP4CGX75 devices, the CDR ppl tolerance is ±200 ppm.
(10) Time taken until pll_locked goes high after pll_powerdown deasserts.
(11) Time that the CDR must be kept in lock-to-reference mode after rx_analogreset deasserts and before rx_locktodata is asserted in manual mode.
(12) Time taken to recover valid data after the rx_locktodata signal is asserted in manual mode (Figure 1–2), or after rx_freqlocked signal goes high in
automatic mode (Figure 1–3).
(13) Time taken to recover valid data after the rx_locktodata signal is asserted in manual mode.
(14) Time taken to recover valid data after the rx_freqlocked signal goes high in automatic mode.
Table 1–21. Transceiver Specification for Cyclone IV GX Devices (Part 4 of 4)
Symbol/
Description
Conditions
C6
C7, I7
C8
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max


Similar Part No. - EP4CGX110F17C8

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CGX110F23C8N ALTERA-EP4CGX110F23C8N Datasheet
383Kb / 14P
   Cyclone IV FPGA Device Faily Overview
EP4CGX110F23I7N ALTERA-EP4CGX110F23I7N Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
More results

Similar Description - EP4CGX110F17C8

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE75F23I7N ALTERA-EP4CE75F23I7N Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX22BF14C6N ALTERA-EP4CGX22BF14C6N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE22F17I7N ALTERA-EP4CE22F17I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23I7N ALTERA-EP4CGX75CF23I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com