Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7303TR Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7303TR
Description  Generation V Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7303TR Datasheet(HTML) 3 Page - International Rectifier

  IRF7303TR Datasheet HTML 1Page - International Rectifier IRF7303TR Datasheet HTML 2Page - International Rectifier IRF7303TR Datasheet HTML 3Page - International Rectifier IRF7303TR Datasheet HTML 4Page - International Rectifier IRF7303TR Datasheet HTML 5Page - International Rectifier IRF7303TR Datasheet HTML 6Page - International Rectifier IRF7303TR Datasheet HTML 7Page - International Rectifier IRF7303TR Datasheet HTML 8Page - International Rectifier IRF7303TR Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF7303
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1
10
100
1000
0.1
1
10
100
V
, D ra in-to-S ource V olta ge (V )
DS
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTT OM
4.5V
20 µs P UL SE W ID TH
T = 25°C
A
4.5 V
J
1
10
100
1000
0.1
1
10
100
V
, Dra in -to-So urce V oltag e (V)
DS
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTT OM
4.5V
20µs PU LSE W ID TH
T
= 150°C
A
4.5 V
J
10
100
456
789
1 0
T = 2 5° C
T = 15 0 °C
J
J
GS
V
, Ga te -to-S o urce V oltage (V )
A
V
= 1 5 V
20µs PU LSE W ID T H
DS
0.0
0.5
1.0
1.5
2.0
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100
120
140 160
J
T
, Junction Te mperature (°C )
V
= 10 V
GS
A
I
= 4 .0A
D


Similar Part No. - IRF7303TR

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRF7303TR UMW-IRF7303TR Datasheet
446Kb / 8P
   Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
IRF7303TRPBF VBSEMI-IRF7303TRPBF Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - IRF7303TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com