Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1604CT Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # SF1604CT
Description  SUPERFAST RECOVERY RECTIFIER VOLTAGE- 50 to 400 Volts CURRENT - 16.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SF1604CT Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  SF1604CT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SF1604CT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUPERFAST RECOVERY RECTIFIER
VOLTAGE- 50 to 400 Volts CURRENT - 16.0 Ampere
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
Exceeds environmental standards of
MIL-S-19500/228
Low power loss, high efficiency.
Low forwrd voltge, high current capability
High surge capacity.
Super fast recovery times, high voltage.
Epitaxial chip construction.
High temperature soldering : 260
OC / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
Case: TO-220AB Molded plastic
Terminals: Lead solderable per MIL-STD-202, Method 208
Polarity: As marked.
Standard packaging: Any
Weight: 0.08 ounces, 2.24grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SF1601CT
SF1602CT
SFR1603CT
SF1604CT
SF1605CT
SF1606CT
UNITS
Maximum Recurrent Peak Reverse V oltage
50
100
150
200
300
400
V
Maximum RMS Voltage
35
70
105
140
210
280
V
Maxi mum DC Blocking Voltage
50
100
150
200
300
400
V
Maximum Average Forward Rectif ied Current at
Tc=90°C
16
A
Peak For ward Surge Current ,
8.3 ms single half sine- wave
super imposed on rated load (J EDEC method)
125
A
Maximum Instantaneous Forward Vol tage
at 8.0A per element
0.95
1.30
V
Maxi mum DC Reverse Cur rent (Note 1) Ta=25° C
at Rated DC Blocking Vol tage Ta=125°C
10
500
uA
Typi cal Junction Capacitance (Note 1)
62
pF
Maximum Reverse Recovery Time (Note 2)
35
50
nS
Typical Therma l Resistance Note R
θJC
3.0
°C/W
Oper ati ng and Storage Tempe rature Range TJ
-50 to +150
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A.
3. Thermal Resistance Junction to CASE.
TO-220AB Unit:inch(mm)
.419(10.66)
MAX
.196(5.0)
.163(4.16)
.054(1.39)
.045(1.15)
.114(2.9)
.098(2.5)
.025(0.65)
MAX
.139(3.55)
.MIN
DIA
PIN1
3
2
.177(4.5)
.MAX
.038(0.96)
.019(.5)
.100(2.54)
.624(15.87)
.548(13.93)
.50(12.7)
MAX
.269(6.85)
.226(5.75)
AC
AC
Positive CT
DATA SHEET
SF1600CT~SF1606CT
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
°C


Similar Part No. - SF1604CT

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SF1604CT PACELEADER-SF1604CT Datasheet
730Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
logo
HY ELECTRONIC CORP.
SF1604CT HY-SF1604CT Datasheet
420Kb / 3P
   Super Fast Recovery Rectifiers
logo
Dongguan City Niuhang E...
SF1604CT NIUHANG-SF1604CT Datasheet
423Kb / 3P
   SUPER FAST RECOVERY RECTIFIERS
More results

Similar Description - SF1604CT

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
SF1601FCT YEASHIN-SF1601FCT Datasheet
46Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIER VOLTAGE- 50 to 400 Volts CURRENT - 16.0 Ampere
logo
Pan Jit International I...
1E1 PANJIT-1E1 Datasheet
57Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER100S PANJIT-ER100S Datasheet
64Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER100 PANJIT-ER100 Datasheet
64Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER1000CT PANJIT-ER1000CT Datasheet
57Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE- 50 to 400 Volts CURRENT- 10.0 Amperes)?
ER1000F PANJIT-ER1000F Datasheet
350Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE: 50 to 400 Volts CURRENT: 10.0 Amperes)
ER800 PANJIT-ER800 Datasheet
54Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 400 Volts CURRENT - 8.0 Amperes)
ER1000 PANJIT-ER1000 Datasheet
269Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE: 50 to 400 Volts CURRENT: 10.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
ES1A DAESAN-ES1A Datasheet
410Kb / 3P
   CURRENT 1.0 Ampere VOLTAGE 50 to 400 Volts
logo
Yea Shin Technology Co....
SF11G YEASHIN-SF11G Datasheet
56Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com