Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC79XX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # MC79XX
Description  3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC79XX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button MC79XX Datasheet HTML 5Page - Fairchild Semiconductor MC79XX Datasheet HTML 6Page - Fairchild Semiconductor MC79XX Datasheet HTML 7Page - Fairchild Semiconductor MC79XX Datasheet HTML 8Page - Fairchild Semiconductor MC79XX Datasheet HTML 9Page - Fairchild Semiconductor MC79XX Datasheet HTML 10Page - Fairchild Semiconductor MC79XX Datasheet HTML 11Page - Fairchild Semiconductor MC79XX Datasheet HTML 12Page - Fairchild Semiconductor MC79XX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MC79XX (LM79XX) (KA79XX/A)
FIXED VOLTAGE REGULATOR (NEGATIVE)
LM7924 ELECTRICAL CHARACTERISTICS
(VI = 33V, lO = 500mA, 0
°C ≤T
J
≤+125°C, C
I =2.2
µF, C
O = 1
µF, unless otherwise specified.)
* Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
TJ =+25
°C
- 23
- 24
- 25
Output Voltage
VO
IO = 5mA to 1A, PO
≤15W
VI = -27 to -38V
- 22.8
- 24
- 25.2
V
VI = - 27 to - 38V
15
480
VI= - 30 to - 36V
8
180
TJ = +25
°C
IO = 5mA to 1.5A
15
480
TJ =+ 25
°C
IO = 250 to 750mA
5
240
Quiescent Current
IQ
TJ =+ 25
°C
3
6
mA
IO = 5mA to 1A
0.5
VI = -27 to -38V
1
Temperature Coefficient of VD
∆V
O/
∆T
IO = 5mA
-1
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100KHz
TA =+ 25
°C
400
µV
Ripple Rejection
RR
f = 120Hz
∆V
I = 10V
54
60
dB
Dropout Voltage
VD
TJ= +25
°C
IO = 1A
2
V
Short Circuit Current
ISC
TJ=+ 25
°C, V
I = -35V
300
mA
Peak Current
IPK
TJ=+25
°C
2.2
A
Line Regulation
Load Regulation
TJ = 25
°C
∆V
O
∆V
O
Quiescent Current Change
∆I
Q
mA
mV
mV


Similar Part No. - MC79XX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX Datasheet
117Kb / 15P
   FIXED VOLTAGE REGULATOR (NEGATIVE)
MC79XX FAIRCHILD-MC79XX Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
ON Semiconductor
MC79XX/ ONSEMI-MC79XX/ Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Fairchild Semiconductor
MC79XXA FAIRCHILD-MC79XXA Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
More results

Similar Description - MC79XX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM79XX FAIRCHILD-LM79XX Datasheet
194Kb / 15P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7905 HUASHAN-H7905 Datasheet
220Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7915 HUASHAN-H7915 Datasheet
220Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7906 HUASHAN-H7906 Datasheet
216Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7909 HUASHAN-H7909 Datasheet
211Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
H7912 ETC2-H7912 Datasheet
162Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7924 HUASHAN-H7924 Datasheet
219Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7912 HUASHAN-H7912 Datasheet
217Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7918 HUASHAN-H7918 Datasheet
217Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7908 HUASHAN-H7908 Datasheet
218Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com