Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF55G Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # SF55G
Description  SUPE RFAST RECOVERY RECTIFIERS VOLTAGE- 50 to 8 00 Volts CURRENT - 5.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SF55G Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  SF55G Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SF55G Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUPE RFAST RECOVERY RECTIFIERS
VOLTAGE- 50 to 8 00 Volts CURRENT - 5.0 Amperes
FEATURES
Superfast recovery times-epitaxial construction.
Low forward voltage, high current capability.
Exceeds environmental standards of MIL-S-19500/228.
Hermetically sealed.
Low leakage.
High surge capability.
Plastic package has Underwriters Laboratories
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
High temperature soldering : 260
/ 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
Case: Molded plastic, DO-201AD
Terminals: Axial leads, solderable to MIL-STD-202,Method 208
Polarity: Color Band denotes cathode end
Mounting Position: Any
Weight: 0.04 ounce, 1.12 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load, 60Hz.
SF51G
SF52G
SF53G
SF54G
SF55G
SF56G
SF57G
SF58G
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
150
200
300
400
600
800
Maximum RMS Voltage
35
70
105
140
210
320
420
640
Maximum DC Blocking Voltage
50
100
150
200
300
400
600
800
Maximum Average Forward Current .375"(9.5mm)
lead length at TA=55
J
5.0
A
Peak Forward Surge Current, IFM (surge):8.3ms single
halfsine-wave superimposed on rated load(JEDEC method)
150.0
A
Maximum Forward Voltage at 5.0A DC
0.95
1.25
1.70
Maximum DC Reverse Current at Rated DC Blocking Voltage
5.0
µA
Maximum DC Reverse Current at Rated DC Blocking Voltage
TA=125
300
µA
Maximum Reverse Recovery Time(Note 1)
35.0
nS
Typical Junction capacitance (Note 2)
45
pF
Typical Junction Resistance(Note 3) R
θJA
25
/W
Operating and Storage Temperature Range TJ
-55 to +150
NOTES:
1. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
3. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
.375 (9.5)
.285 (7.2)
.210 (5.3)
.188 (4.8)
.052 (1.3)
.048 (1.2)
DIA.
DIA.
DO-201AD Unit:inch(mm)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
DATA SHEET
SF51G~SF58 G
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
°C
°C
°C
°C
°C
V
V
V
V


Similar Part No. - SF55G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SF55G MCC-SF55G Datasheet
120Kb / 1P
   5 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
logo
Chongqing Pingwei Enter...
SF55G CHONGQING-SF55G Datasheet
85Kb / 1P
   5.0AMPS.GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
MIC GROUP RECTIFIERS
SF55G MIC-SF55G Datasheet
54Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
DIYI Electronic Technol...
SF55G DYELEC-SF55G Datasheet
681Kb / 2P
   5 .0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Chongqing Pingwei Enter...
SF55G CHONGQING-SF55G Datasheet
39Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF55G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
SF51G YIXIN-SF51G Datasheet
145Kb / 2P
   SUPE RFAST RECOVERY RECTIFIERS VOLTAGE- 50 to 8 00 Volts CURRENT - 5.0 Amperes
logo
Yea Shin Technology Co....
SF31G YEASHIN-SF31G Datasheet
53Kb / 2P
   SUPE RFAST RECOVERY RECTIFIERS VOLTAG E - 50 to 8 00 Volts CURRENT - 3.0 Amperes
SF21G YEASHIN-SF21G Datasheet
79Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 2.0 Amperes
logo
Pan Jit International I...
ER500 PANJIT-ER500 Datasheet
62Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 5.0 Amperes)
logo
Yea Shin Technology Co....
SF11G YEASHIN-SF11G Datasheet
56Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 1.0 Ampere
logo
GOOD-ARK Electronics
BY500-50 GOOD-ARK-BY500-50_15 Datasheet
158Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 5.0 Amperes
logo
DAESAN ELECTRONIC CORP.
MR820 DAESAN-MR820 Datasheet
275Kb / 2P
   CURRENT 5.0 Amperes VOLTAGE 50 to 800 Volts
BY550-50 DAESAN-BY550-50 Datasheet
299Kb / 2P
   CURRENT 5.0 Amperes VOLTAGE 50 to 1000 Volts
SF51 DAESAN-SF51 Datasheet
299Kb / 2P
   CURRENT 5.0 Amperes VOLTAGE 50 to 600 Volts
logo
Pan Jit International I...
ED502T PANJIT-ED502T_03 Datasheet
46Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE- 200 to 600 Volts CURRENT - 5.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com