Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC79MXX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. MC79MXX
Description  3-Terminal 0.5A Negative Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC79MXX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MC79MXX Datasheet HTML 1Page - Fairchild Semiconductor MC79MXX Datasheet HTML 2Page - Fairchild Semiconductor MC79MXX Datasheet HTML 3Page - Fairchild Semiconductor MC79MXX Datasheet HTML 4Page - Fairchild Semiconductor MC79MXX Datasheet HTML 5Page - Fairchild Semiconductor MC79MXX Datasheet HTML 6Page - Fairchild Semiconductor MC79MXX Datasheet HTML 7Page - Fairchild Semiconductor MC79MXX Datasheet HTML 8Page - Fairchild Semiconductor MC79MXX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC79MXX
3
Electrical Characteristics (MC79M06)
(Refer to test circuit, 0
°C ≤TJ ≤ +125 °C, lO =350mA, VI = -11V,unless otherwise specified)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ= +25
°C
- 5.75
- 6.0
- 6.25
V
IO = 5mA to 350mA
VI = -8.0V to -25V
- 5.7
- 6.0
- 6.3
Line Regulation (Note1)
∆VO
TJ =+25
°C
VI = -8V to -25V
-
7.0
60
mV
VI = -9V to -19V
-
2.0
40
Load Regulation (Note1)
∆VO
TJ= +25
°CIO = 5.0mA to 500mA
-
30
120
mV
Quiescent Current
IQ
TJ= +25
°C-
3
6
mA
Quiescent Current Change
∆IQ
IO = 5mA to 350mA
-
-
0.4
mA
VI = -8V to -25V
-
-
0.4
Output Voltage Drift
∆VO/∆TIO = 5mA
-
0.4
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100KHz,TA = +25
°C-
50
-
µV
Ripple Rejection
RR
f = 120Hz,VI = -9V to -19V
54
60
-
dB
Dropout Voltage
VD
IO = 500mA, TJ = +25
°C-
1.1
-
V
Short Circuit Current
ISC
VI = -35V, TJ = +25
°C
-
140
-
mA
Peak Current
IPK
TJ= +25
°C
-
650
-
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KA79MXX 3-Terminal 0.5A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
TS7900 3-Terminal Fixed Negative Output Voltage Regulator 1  2  3  4  5  More Taiwan Semiconductor Company, Ltd
PL7909XE3 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  Cystech Electonics Corp.
78D05 LINEAR INTEGRATED CIRCUIT 3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR 1  2  3  4  5  More List of Unclassifed Manufacturers
MC78MXX 3-Terminal 0.5A Positive Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
TS7900A 3-Terminal Fixed Negative Output Voltage Regulator 1  2  3  4  5  More Taiwan Semiconductor Company, Ltd
PL7912XE3 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  Cystech Electonics Corp.
LM7905 3-Terminal 1A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
AMC79L05 100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  5  More List of Unclassifed Manufacturers
PL7915XE3 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  Cystech Electonics Corp.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn