Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-5300 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-5300
Description  Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5300 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-5300 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Switching Specifications (RL= Internal Pull-up)
Over recommended operating conditions: (TA = -55°C to +125°C, VCC = +4.5 V to 30 V, IF(ON) = 10 mA to 20 mA,
VF(OFF) = -5 V to 0.8 V) unless otherwise specified.
Parameter
Symbol
Group A
Subgrps.[12]
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
Time to Low
Output Level
tPHL
9, 10, 11
20
185
500
ns
IF(on) = 10 mA,
VF(off) = 0.8 V,
VCC = 15.0 V,
CL = 100 pF,
VTHLH = 2.0 V
VTHHL = 1.5 V
5, 8,
3, 4, 5,
6, 7
Propagation Delay
Time to High
Output Level
tPLH
9, 10, 11
220
415
750
ns
Pulse Width Distortion PWD
9, 10, 11
150
600
ns
11
Propagation Delay
Difference Between
Any Two Parts
tPLH -tPHL 9, 10, 11
-225
150
650
ns
8
Output High Level
Common Mode
Transient Immunity
|CMH|
10
kV/
s
IF = 0 mA,
VO > 3.0 V
VCC = 15.0 V,
CL = 100 pF,
VCM = 1000 VP-P
TA = 25° C
6, 21
9
Output Low Level
Common Mode
Transient Immunity
|CML|
10
kV/
s
IF = 16 mA
VO < 1.0 V
10
Power Supply
Rejection
PSR
1.0
VP-P
Square Wave, tRISE, tFALL > 5 ns,
no bypass capacitors.
7
*All typical values at 25° C, VCC = 15 V.
Notes:
1. CURRENT TRANSFER RATIO in percent is defined as the ratio of output collector current (IO) to the forward LED input current (IF) times 100.
2. Device considered a two-terminal device: Pins 1, 2, 3 and 4 shorted together and Pins 5, 6, 7 and 8 shorted together.
3. Pulse: f = 20 kHz, Duty Cycle = 10%
4. The internal 20 k
 resistor can be used by shorting pins 6 and 7 together.
5. Due to the tolerance of the internal resistor, and since propagation delay is dependent on the load resistor value, performance can be improved
by using an external 20 k
 1% load resistor. For more information on how propagation delay varies with load resistance, see Figure 8.
6. The RL = 20 k
, CL = 100 pF represents a typical IPM (Intelligent Power Module) load.
7. Use of a 0.1
F bypass capacitor connected between pins 5 and 8 can improve performance by filtering power supply line noise.
8. The difference in tPLH and tPHL between any two parts under the same test condition. (See IPM Dead Time and Propagation Delay Specifications
section.)
9. Common mode transient immunity in a Logic High level is the maximum tolerable dVCM/dt of the common mode pulse, VCM, to assure that the
output will remain in a Logic High state (i.e., VO > 3.0 V).
10. Common mode transient immunity in a Logic Low level is the maximum tolerable dVCM/dt of the common mode pulse, VCM, to assure that the
output will remain in a Logic Low state (i.e., VO < 1.0 V).
11. Pulse Width Distortion (PWD) is defined as the difference between tPLH and tPHL for any given device.
12. Standard parts receive 100% testing at 25°C (Subgroups 1 and 9). Hi-Rel and SMD parts receive 100% testing at 25° C, +125° C, and -55° C (Subgroups
1 and 9, 2 and 10, 3 and 11 respectively).
13. Parameters are tested as part of device initial characterization and after design and process changes. Parameters are guaranteed to limits specified
for all lots not specifically tested.


Similar Part No. - HCPL-5300

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300-100 HP-HCPL-5300-100 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results

Similar Description - HCPL-5300

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com