Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IK62784DH Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IK62784DH
Description  8CH DARLINGTON SOURCE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK62784DH Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IK62784DH Datasheet HTML 1Page - IK Semicon Co., Ltd IK62784DH Datasheet HTML 2Page - IK Semicon Co., Ltd IK62784DH Datasheet HTML 3Page - IK Semicon Co., Ltd IK62784DH Datasheet HTML 4Page - IK Semicon Co., Ltd IK62784DH Datasheet HTML 5Page - IK Semicon Co., Ltd IK62784DH Datasheet HTML 6Page - IK Semicon Co., Ltd IK62784DH Datasheet HTML 7Page - IK Semicon Co., Ltd IK62784DH Datasheet HTML 8Page - IK Semicon Co., Ltd IK62784DH Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IK62783/4
March, 2013, ver. 06
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Measurement mode
P/N
Norm
Ta
(
C)
Unit
Min
Max
VIN(ON)
Input voltage at open (ON)
state of output
IOUT = -350 mA
VCE = 2 V
IK62783
-
2.0
2.4
25±10
-40 to 85
V
IK62784
-
4.5
5.4
VIN(OFF)
Input voltage at close
(OFF) state of output,
IOUT = -500 A
IK62783
0.8
0.64
-
V
IK62784
2.0
1.6
-
Icc(ON)
Consumption current
VIN = 2 V
VCC = 50 V
IK62783
-
2.5
3.0
mA
VIN = 4.5 V
VCC = 50 V
IK62784
VCE(sat)
Collector-emitter
saturation voltage
IOUT = -100 mA
VIN = 2 V
IK62783
-
1.8
2.16
V
IOUT = -225 mA
VIN = 2 V
-
1.9
2.28
IOUT = -350 mA
VIN = 2 V
-
2.0
2.4
IOUT = -100 mA
VIN = 4.5 V
IK62784
-
1.8
2.16
IOUT = -225 mA
VIN = 4.5 V
-
1.9
2.28
IOUT = -350 mA
VIN = 4.5 V
-
2.0
2.4
ICEX
Output leakage current at
close (OFF) state of output
VCC = 50 V
VIN = 0.4 V
-
100
25±10
A
VF
Forward DC voltage of
clamp diode
IF = 350 mA
-
2.0
2.4
25±10
-40 to 85
V
IIN(ON)
Input current
VIN = 2.4 V
IK62783
-
0.052
0.062
mA
VIN = 3.85 V
-
0.26
0.31
VIN = 5 V
IK62784
-
0.13
0.156
VIN = 12 V
-
1.13
1.356
IR
Reverse current of clamp
diode
VR = 50 V
-
50
60
A


Similar Part No. - IK62784DH

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK6207TQ-ER IKSEMICON-IK6207TQ-ER Datasheet
1Mb / 25P
   7-step individual dimming control for each grid
IK6208 IKSEMICON-IK6208 Datasheet
823Kb / 19P
   2 Channel PWM
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
IK62083 IKSEMICON-IK62083 Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
IK62083DW IKSEMICON-IK62083DW Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
More results

Similar Description - IK62784DH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S3783 KODENSHI-S3783 Datasheet
403Kb / 10P
   8CH Darlington TR Source Driver
logo
Toshiba Semiconductor
TD62785P TOSHIBA-TD62785P Datasheet
216Kb / 6P
   8CH SOURCE DRIVER
TD62785PG TOSHIBA-TD62785PG Datasheet
280Kb / 10P
   8CH SOURCE DRIVER
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62081AP TOSHIBA-TD62081AP Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62081APG TOSHIBA-TD62081APG Datasheet
271Kb / 13P
   8ch Darlington Sink Driver
ULN2803APG TOSHIBA-ULN2803APG Datasheet
460Kb / 12P
   8ch Darlington Sink Driver
logo
IK Semicon Co., Ltd
IK62083 IKSEMICON-IK62083_13 Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2803AFW TOSHIBA-ULN2803AFW Datasheet
320Kb / 10P
   8CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com