Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL339 Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IL339
Description  Quad Single Supply Comparator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL339 Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IL339_11 Datasheet HTML 1Page - IK Semicon Co., Ltd IL339_11 Datasheet HTML 2Page - IK Semicon Co., Ltd IL339_11 Datasheet HTML 3Page - IK Semicon Co., Ltd IL339_11 Datasheet HTML 4Page - IK Semicon Co., Ltd IL339_11 Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
I L 339
2011, January, ver.01
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltages
Single Supply
Split Supplies
36
±18
V
VIDR
Input Differential Voltage Range
36
V
VICR
Input Common Mode Voltage Range (1)
-0.3 to VCC
V
ISC
Output Short Circuit to Ground
Continuous
IIN
Input Current, per pin (2)
50
mA
TJ
Junction Temperature
Plastic Packages
150
°C
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1mm from Case for 10
Seconds
260
°C
PD
Power Dissipation @TA=25°C
Plastic Package
Derate above 25
°C
1.0
8.0
W
mW/
°C
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Functional operation should be restricted to the Recommended Operating Conditions.
Notes:
1. Split Power Supplies.
2. VIN<-0.3V. This input current will only exist when voltage at any of the input leads is driven negative.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
±2.5
or 5.0
±15 or
30
V
TA
Operating Temperature, All Package Types
-40
+85
°C
This device contains protection circuitry to guard against damage due to high static voltages or
electric fields. However, precautions must be taken to avoid applications of any voltage higher than
maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be
constrained to the range GND
≤(V
IN or VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - IL339_11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL339D ETC-IL339D Datasheet
132Kb / 4P
   Quad Single Supply Comparator
logo
IK Semicon Co., Ltd
IL339D IKSEMICON-IL339D Datasheet
253Kb / 5P
   Quad Single Supply Comparator
logo
List of Unclassifed Man...
IL339N ETC-IL339N Datasheet
132Kb / 4P
   Quad Single Supply Comparator
logo
IK Semicon Co., Ltd
IL339N IKSEMICON-IL339N Datasheet
253Kb / 5P
   Quad Single Supply Comparator
More results

Similar Description - IL339_11

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2901 NJRC-NJM2901 Datasheet
184Kb / 5P
   SINGLE-SUPPLY QUAD COMPARATOR
logo
List of Unclassifed Man...
IL339 ETC-IL339 Datasheet
132Kb / 4P
   Quad Single Supply Comparator
logo
KODENSHI_AUK CORP.
KK2901 KODENSHI-KK2901 Datasheet
253Kb / 5P
   Quad Single Supply Comparator
KK339 KODENSHI-KK339 Datasheet
229Kb / 5P
   Quad Single Supply Comparator
logo
IK Semicon Co., Ltd
IL2901 IKSEMICON-IL2901 Datasheet
450Kb / 12P
   Quad Single Supply Comparator
logo
New Japan Radio
NJM2901C NJRC-NJM2901C Datasheet
771Kb / 6P
   SINGLE-SUPPLY QUAD COMPARATOR
ver.06
logo
IK Semicon Co., Ltd
IL339 IKSEMICON-IL339 Datasheet
253Kb / 5P
   Quad Single Supply Comparator
IL2901 IKSEMICON-IL2901_11 Datasheet
396Kb / 12P
   Quad Single Supply Comparator
logo
System Logic Semiconduc...
SL339 SLS-SL339 Datasheet
41Kb / 4P
   Quad Single Supply Comparator
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
   Single Power Supply Quad Comparator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com