Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3303P Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MC3303P
Description  Quad Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC3303P Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MC3303P Datasheet HTML 1Page - Fairchild Semiconductor MC3303P Datasheet HTML 2Page - Fairchild Semiconductor MC3303P Datasheet HTML 3Page - Fairchild Semiconductor MC3303P Datasheet HTML 4Page - Fairchild Semiconductor MC3303P Datasheet HTML 5Page - Fairchild Semiconductor MC3303P Datasheet HTML 6Page - Fairchild Semiconductor MC3303P Datasheet HTML 7Page - Fairchild Semiconductor MC3303P Datasheet HTML 8Page - Fairchild Semiconductor MC3303P Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC3303/MC3403
5
Electrical Characteristics
(VCC = 5.0V, VEE = GND, TA=25
°C unless otherwise specified)
Parameter
Symbol
Conditions
MC3303
MC3403
Unit
Min. Typ. Max. Min. Typ. Max.
Input Offset Voltage
VIO
--
-
10
-
2.0
10
mV
Input Offset Current
IIO
-
-
-
75
-
30
50
nA
Input Bias Current
IBIAS
-
-
-
500
-
200
500
nA
Large Signal Open
Loop Voltage Gain
GV
RL = 2.0K
10
200
-
10
200
-
V/mV
Power Supply
Rejection Ratio
PSRR
-
-
-
150
-
-
150
µV/V
Output Voltage Range
VO(P-P)
RL = 10K
Ω, VCC = 5.0V
3.3
3.5
-
3.3
3.5
-
V
RL =10K
Ω, 5.0V ≤ VCC ≤ 30V
VCC
-2.0
VCC-
1.7
-
VCC
-2.0
VCC
-1.7
-
Supply Current
ICC
-
-
2.5
7.0
-
2.5
7.0
mA
Channel Separation
CS
f = 1KHz to 20KHz
-
120
-
-
120
-
dB


Similar Part No. - MC3303P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3303P ONSEMI-MC3303P Datasheet
165Kb / 8P
   QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
STMicroelectronics
MC3303P STMICROELECTRONICS-MC3303P Datasheet
322Kb / 11P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
logo
ON Semiconductor
MC3303P ONSEMI-MC3303P Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
MC3303P ONSEMI-MC3303P Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
MC3303PG ONSEMI-MC3303PG Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
More results

Similar Description - MC3303P

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com