Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.8-VLVTTL Datasheet(PDF) 22 Page - Altera Corporation

Part # 1.8-VLVTTL
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

1.8-VLVTTL Datasheet(HTML) 22 Page - Altera Corporation

Back Button 1.8-VLVTTL Datasheet HTML 18Page - Altera Corporation 1.8-VLVTTL Datasheet HTML 19Page - Altera Corporation 1.8-VLVTTL Datasheet HTML 20Page - Altera Corporation 1.8-VLVTTL Datasheet HTML 21Page - Altera Corporation 1.8-VLVTTL Datasheet HTML 22Page - Altera Corporation 1.8-VLVTTL Datasheet HTML 23Page - Altera Corporation 1.8-VLVTTL Datasheet HTML 24Page - Altera Corporation 1.8-VLVTTL Datasheet HTML 25Page - Altera Corporation 1.8-VLVTTL Datasheet HTML 26Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
1–22
Chapter 1: Cyclone III Device Datasheet
Switching Characteristics
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 2
External Memory Interface Specifications
Cyclone III devices support external memory interfaces up to 200 MHz. The external
memory interfaces for Cyclone III devices are auto-calibrating and easy to implement.
f For more information about external memory system performance specifications,
board design guidelines, timing analysis, simulation, and debugging information,
refer to Literature: External Memory Interfaces.
Output jitter
(peak to peak)
500
500
550
ps
tLOCK (2)
1—1—1
ms
Notes to Table 1–30:
(1) Emulated LVDS transmitter is supported at the output pin of all I/O banks.
(2) tLOCK is the time required for the PLL to lock from the end of device configuration.
Table 1–31. Cyclone III Devices LVDS Receiver Timing Specifications (1)
Symbol
Modes
C6
C7, I7
C8, A7
Unit
Min
Max
Min
Max
Min
Max
fHSCLK (input
clock frequency)
×10
5
437.5
5
370
5
320
MHz
×8
5
437.5
5
370
5
320
MHz
×7
5
437.5
5
370
5
320
MHz
×4
5
437.5
5
370
5
320
MHz
×2
5
437.5
5
370
5
320
MHz
×1
5
437.5
5
402.5
5
402.5
MHz
HSIODR
×10
100
875
100
740
100
640
Mbps
×8
80
875
80
740
80
640
Mbps
×7
70
875
70
740
70
640
Mbps
×4
40
875
40
740
40
640
Mbps
×2
20
875
20
740
20
640
Mbps
×1
10
437.5
10
402.5
10
402.5
Mbps
SW
400
400
400
ps
Input jitter
tolerance
500
500
550
ps
tLOCK (2)
—1—1—
1
ms
Notes to Table 1–31:
(1) LVDS receiver is supported at all banks.
(2) tLOCK is the time required for the PLL to lock from the end of device configuration.
Table 1–30. Cyclone III Devices Emulated LVDS Transmitter Timing Specifications (1) (Part 2 of 2)
Symbol
Modes
C6
C7, I7
C8, A7
Unit
Min
Max
Min
Max
Min
Max


Similar Part No. - 1.8-VLVTTL

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
1.8-B CERAMATE-1.8-B Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
More results

Similar Description - 1.8-VLVTTL

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C5F256C7N ALTERA-EP3C5F256C7N Datasheet
859Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP3C16E144C7N ALTERA-EP3C16E144C7N Datasheet
848Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP3C80F780C8N ALTERA-EP3C80F780C8N Datasheet
848Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP3C80F780C7 ALTERA-EP3C80F780C7 Datasheet
848Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP4SGX360KF40C3N ALTERA-EP4SGX360KF40C3N Datasheet
1Mb / 82P
   This chapter covers the electrical and switching characteristics for Stratix IV devices
5M240ZM100C5N ALTERA-5M240ZM100C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M240ZM68I5N ALTERA-5M240ZM68I5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M1270ZF256C5N ALTERA-5M1270ZF256C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M1270ZT144C5N ALTERA-5M1270ZT144C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZM100I5N ALTERA-5M160ZM100I5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com