Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.3-VLVCMOS Datasheet(PDF) 15 Page - Altera Corporation

Part # 3.3-VLVCMOS
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

3.3-VLVCMOS Datasheet(HTML) 15 Page - Altera Corporation

Back Button 3.3-VLVCMOS Datasheet HTML 11Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 12Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 13Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 14Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 15Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 16Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 17Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 18Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 19Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Chapter 1: Cyclone III Device Datasheet
1–15
Switching Characteristics
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 2
PLL Specifications
Table 1–20 describes the PLL specifications for Cyclone III devices when operating in
the commercial junction temperature range (0°C to 85°C), the industrial junction
temperature range (–40°C to 100°C), and the automotive junction temperature range
(–40°Cto 125°C). For more information about PLL block, refer to “PLL Block” in
“Glossary” on page 1–27.
Table 1–20. Cyclone III Devices PLL Specifications (1)
(Part 1 of 2)
Symbol
Parameter
Min
Typ
Max
Unit
fIN (2)
Input clock frequency
5
472.5
MHz
fINPFD
PFD input frequency
5
325
MHz
fVCO (3)
PLL internal VCO operating range
600
1300
MHz
fINDUTY
Input clock duty cycle
40
60
%
tINJITTER_CCJ (4)
Input clock cycle-to-cycle jitter for FINPFD  100 MHz
0.15
UI
Input clock cycle-to-cycle jitter for FINPFD < 100 MHz
±750
ps
fOUT_EXT (external clock output)
(2)
PLL output frequency
472.5
MHz
fOUT (to global clock)
PLL output frequency (–6 speed grade)
472.5
MHz
PLL output frequency (–7 speed grade)
450
MHz
PLL output frequency (–8 speed grade)
402.5
MHz
tOUTDUTY
Duty cycle for external clock output (when set to 50%)
45
50
55
%
tLOCK
Time required to lock from end of device configuration
1
ms
tDLOCK
Time required to lock dynamically (after switchover,
reconfiguring any non-post-scale counters/delays or
areset is deasserted)
——
1
ms
tOUTJITTER_PERIOD_DEDCLK (5)
Dedicated clock output period jitter
FOUT  100 MHz
300
ps
FOUT < 100 MHz
30
mUI
tOUTJITTER_CCJ_DEDCLK (5)
Dedicated clock output cycle-to-cycle jitter
FOUT  100 MHz
300
ps
FOUT < 100 MHz
30
mUI
tOUTJITTER_PERIOD_IO (5)
Regular I/O period jitter
FOUT  100 MHz
650
ps
FOUT < 100 MHz
75
mUI
tOUTJITTER_CCJ_IO (5)
Regular I/O cycle-to-cycle jitter
FOUT  100 MHz
650
ps
FOUT < 100 MHz
75
mUI
tPLL_PSERR
Accuracy of PLL phase shift
±50
ps
tARESET
Minimum pulse width on areset signal.
10
ns
tCONFIGPLL
Time required to reconfigure scan chains for PLLs
3.5 (6)
SCANCLK
cycles


Similar Part No. - 3.3-VLVCMOS

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
3.3-B CERAMATE-3.3-B Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
More results

Similar Description - 3.3-VLVCMOS

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C5F256C7N ALTERA-EP3C5F256C7N Datasheet
859Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP3C16E144C7N ALTERA-EP3C16E144C7N Datasheet
848Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP3C80F780C8N ALTERA-EP3C80F780C8N Datasheet
848Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP3C80F780C7 ALTERA-EP3C80F780C7 Datasheet
848Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP4SGX360KF40C3N ALTERA-EP4SGX360KF40C3N Datasheet
1Mb / 82P
   This chapter covers the electrical and switching characteristics for Stratix IV devices
5M240ZM100C5N ALTERA-5M240ZM100C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M240ZM68I5N ALTERA-5M240ZM68I5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M1270ZF256C5N ALTERA-5M1270ZF256C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M1270ZT144C5N ALTERA-5M1270ZT144C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZM100I5N ALTERA-5M160ZM100I5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com