Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-561Y Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-561Y
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-561Y Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-561Y Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-561Y Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-561Y Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-561Y Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-561Y Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-561Y Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-561Y Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-561Y Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-561Y Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Forproductinformationandacompletelistofdistributors,pleasegotoourwebsite:
www.avagotech.com
Avago,AvagoTechnologies,andtheAlogoaretrademarksofAvagoTechnologiesLimitedintheUnitedStatesandothercountries.
Datasubjecttochange.Copyright©2006AvagoTechnologiesLimited.Allrightsreserved.Obsoletes5989-2834EN
AV02-0625EN-July26,2007
Figure1.MaximumallowableDCcurrentvs.ambient
temperature.
Figure2.Forwardcurrentvs.forwardvoltage.
Figure3.Relativeluminousintensityvs.DCforward
current.
HDSP-301x/303xSeries
ContrastEnhancement
For information on contrast enhancement, please see Application Note 1015.
Soldering/Cleaning
Cleaning agents from the ketone family (acetone, methyl ethyl ketone, etc.) and from the chlorinated hydrocarbon
family (methylene chloride, trichloroethylene, carbon tetrachloride, etc.) are not recommended for cleaning LED
parts. All of these various solvents attack or dissolve the encapsulating epoxies used to form the package of plastic
LED parts.
For information on soldering LEDs, please refer to Application Note 10.
Figure4.MaximumallowableDCcurrentvs.ambient
temperature.
Figure5.Forwardcurrentvs.forwardvoltage.
Figure6.Relativeluminousintensityvs.DCforward
current.
HDSP-561x/563xSeries


Similar Part No. - HDSP-561Y

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-561Y HP-HDSP-561Y Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-561Y-00000 HP-HDSP-561Y-00000 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-561Y-00300 HP-HDSP-561Y-00300 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-561Y-00400 HP-HDSP-561Y-00400 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-561Y-0K000 HP-HDSP-561Y-0K000 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
More results

Similar Description - HDSP-561Y

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301 HP-HDSP-301 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315H AVAGO-HDSP-315H_11 Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315 HP-HDSP-315 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com