Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-54039S Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PE-54039S
Description  THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-54039S Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PE-54039S Datasheet HTML 1Page - Pulse A Technitrol Company PE-54039S Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
79
SPM2007 (7/07)
In Circuit Operating Parameters 1
Package
Pulse 6
Pulse 5,6
National
Nominal
Rated
Max 2
Nominal
THT Part
SMT Part
Part
Inductance
Current
ETOP
DCR
Through
Surface
Lead
Number
Number
Number
(µH)
(ADC)
(V-µSec)
(
Ω)
Hole
Mount
Diameter
PE-53801
PE-53801S
LM259X-L1
259
0.13
23.1
3.4
LP-25
LCI-20
PE-53802
PE-53802S
LM259X-L2
178
0.16
16.5
2.8
LP-25
LCI-20
PE-53803
PE-53803S
LM259X-L3
118
0.2
13.2
1.8
LP-25
LCI-20
PE-53804
PE-53804S
LM259X-L4
79
0.25
9.9
1.5
LP-25
LCI-20
PE-53805
PE-53805S
LM259X-L5
55
0.3
6.6
1.0
LP-25
LCI-20
PE-53806
PE-53806S
LM259X-L6
39
0.34
6.6
.80
LP-25
LCI-20
PE-53807
PE-53807S
LM259X-L7
26
0.45
6.6
.62
LP-25
LCI-20
PE-53808
PE-53808S
LM259X-L8
374
0.2
75.9
2.7
LP-30
LCI-30
PE-53809
PE-53809S
LM259X-L9
256
0.25
33
2.2
LP-30
LCI-30
PE-53810
PE-53810S
LM259X-L10
176
0.3
26.4
1.4
LP-30
LCI-30
PE-53811
PE-53811S
LM259X-L11
118
0.38
19.8
1.2
LP-30
LCI-30
PE-53812
PE-53812S
LM259X-L12
78
0.46
16.5
0.8
LP-30
LCI-30
PE-53813
PE-53813S
LM259X-L13
55
0.56
13.2
0.5
LP-30
LCI-30
PE-53814
PE-53814S
LM259X-L14
39
0.68
9.9
0.3
LP-30
LCI-30
PE-53815
PE-53815S
LM259X-L15
26
0.84
6.6
0.2
LP-30
LCI-30
PE-53816
PE-53816S
LM259X-L16
17
1.02
6.6
0.1
LP-30
LCI-30
PE-53817
PE-53817S
LM259X-L17
375
0.36
75.9
1.3
LP-37
LCI-37
PE-53818
PE-53818S
LM259X-L18
252
0.44
49.5
0.9
LP-37
LCI-37
PE-53819
PE-53819S
LM259X-L19
173
0.54
36.3
0.6
LP-37
LCI-37
PE-53820
PE-53820S
LM259X-L20
115
0.67
29.7
0.4
LP-37
LCI-37
PE-53821
PE-53821S
LM259X-L21
78
0.82
23.1
0.3
LP-37
LCI-37
PE-53822
PE-53822S
LM259X-L22
54
1.0
16.5
0.2
LP-37
LCI-37
PE-53823
PE-53823S
LM259X-L23
38
1.2
13.2
0.1
LP-37
LCI-37
PE-53824
PE-53824S
LM259X-L24
26
1.48
9.9
0.1
LP-37
LCI-37
PE-53825
PE-53825S
LM259X-L25
18
1.81
9.9
0.06
LP-37
LCI-37
PE-53826
PE-53826S
LM259X-L26
377
0.68
75.9
1.0
LP-44
LCI-44
PE-53827
PE-53827S
LM259X-L27
248
0.83
72.6
0.6
LP-44
LCI-44
PE-53828
PE-53828S
LM259X-L28
168
1.02
56.1
0.4
LP-44
LCI-44
PE-53829
PE-53829S
LM259X-L29
112
1.26
42.9
0.3
LP-44
LCI-44
PE-53830
PE-53830S
LM259X-L30
77
1.54
33
0.2
LP-44
LCI-44
PE-53831
PE-53831S
LM259X-L31
53
1.87
26.4
0.13
LP-44
LCI-44
PE-53932
PE-53932S
LM259X-L32
37
2.24
19.8
0.10
LP-44
LCI-44
PE-53933
PE-53933S
LM259X-L33
24
2.74
16.5
0.07
LP-44
LCI-44
PE-53934
PE-53934S
LM259X-L34
17
3.0
13.2
0.05
KM-1.0
LCI-44
.023
PE-53935
PE-53935S
LM259X-L35
250
1.5
72.6
0.23
KM-3.0
HCI-68
.023
PE-54036
PE-54036S
LM259X-L36
168
1.81
75.9
0.18
KM-3.0
HCI-68
.023
PE-54037
PE-54037S
LM259X-L37
114
2.22
62.7
0.10
KM-3.0
HCI-68
.025
PE-54038
PE-54038S
LM259X-L38
77
2.7
52.8
0.09
KM-3.0
HCI-68
.025
PE-54039
PE-54039S
LM259X-L39
53
3.0
42.9
0.08
KM-3.0
HCI-68
.025
PE-54040
PE-54040S
LM259X-L40
38
3.0
29.7
0.05
KM-3.0
HCI-68
.028
PE-54041
PE-54041S
LM259X-L41
25
3.0
19.8
0.04
KM-2.0
LCI-50
.028
PE-54042
LM259X-L42
167
2.5
75.9
0.14
KM-4.0
.028
PE-54043
LM259X-L43
121
3.0
75.9
0.09
KM-4.0
.031
PE-54044
PE-54044S
LM259X-L44
77
3.0
59.4
0.08
KM-3.0
HCI-68
.025
PE-53900
LM258X-L
19
4.5
323
0.02
KM-3.0
.035
Electrical Specifications @ 25°C— Operating Temperature -40° to +130° C 7
Notes :
1. Inductance values may vary ±20%.
2. ETop rated at 150kHz except where designated.
3. ETop rated at 100kHz.
4. SIMPLE SWITCHER™ is a trademark of National Semiconductor Corp.
5. For SMT parts, optional Tape & Reel packaging can be ordered by addin a
"T" suffix to the part number (i.e. PE-53801S becomes PE-53801ST).
Tested and recommended by National
Semiconductor
Base material meets flammability
requirements of UL 94V-0
Available in surface mount and through
hole versions
THT/SMT POWER INDUCTORS
Toroid - Designed for National’s 150kHz
Simple Switcher
Pulse complies to industry standard tape and reel specification EIA481.
6. RoHS compliant parts are being introduced. Please contact Pulse for
RoHS compliant part availability. If available, order part by adding the
suffix “NL” to the part number (i.e.PE-53801 becomes PE-53801NL and
PE-53801T becomes PE-53801NLT).
7. The temperature of the component (ambient plus temperature rise) must
be within the stated operating temperature range.


Similar Part No. - PE-54039S

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-54039SNL PULSE-PE-54039SNL Datasheet
97Kb / 2P
   Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0
PE-54039SNL PULSE-PE-54039SNL Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-54039SNL PULSE-PE-54039SNL Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher
PE-54039SNL PULSE-PE-54039SNL Datasheet
118Kb / 3P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher
PE-54039SNL PULSE-PE-54039SNL Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS
More results

Similar Description - PE-54039S

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-53819 PULSE-PE-53819 Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-54036S PULSE-PE-54036S Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher
PE-54040S PULSE-PE-54040S Datasheet
118Kb / 3P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher
PE-53801NL PULSE-PE-53801NL Datasheet
97Kb / 2P
   Toroid - Designed for National?셲 150kHz Simple Switcher
PE-53933SNLT PULSE-PE-53933SNLT Datasheet
97Kb / 2P
   Toroid - Designed for National?셲 150kHz Simple Switcher?
P0849 PULSE-P0849 Datasheet
126Kb / 2P
   Toroid - Designed for National?셲 260kHz Simple Switcher
P596 PULSE-P596 Datasheet
381Kb / 2P
   Inductors Designed for National?셲 50 kHz Simple Switcher
PE-52629 PULSE-PE-52629 Datasheet
373Kb / 2P
   inductors designed for national?셲 50 kHz simple switcher
PE-53112NL PULSE-PE-53112NL Datasheet
630Kb / 2P
   Inductors Designed for National?셲 50 kHz Simple Switcher?
PE-53818SNLT PULSE-PE-53818SNLT Datasheet
97Kb / 2P
   Toroid - Designed for Nationals 150kHz Simple Switcher
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com