Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCSNBN1.6BDAA5 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # SSCSNBN1.6BDAA5
Description  Total Error Band Amplified Compensated Analog Output, 1psito 150psi 60mbar 10 bar
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SSCSNBN1.6BDAA5 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  SSCSNBN1.6BDAA5 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SSCSNBN1.6BDAA5 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SSCSNBN1.6BDAA5 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SSCSNBN1.6BDAA5 Datasheet HTML 4Page - Honeywell Solid State Electronics Center SSCSNBN1.6BDAA5 Datasheet HTML 5Page - Honeywell Solid State Electronics Center SSCSNBN1.6BDAA5 Datasheet HTML 6Page - Honeywell Solid State Electronics Center SSCSNBN1.6BDAA5 Datasheet HTML 7Page - Honeywell Solid State Electronics Center SSCSNBN1.6BDAA5 Datasheet HTML 8Page - Honeywell Solid State Electronics Center SSCSNBN1.6BDAA5 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
www.honeywell.com/sensing
Figure 1. Nomenclature and Order Guide
Series
Package
D = DIP (Dual Inline Pin)
M = SMT (Surface Mount Technology)
S = SIP (Single Inline Pin)
Transfer Function
11
A = 10% to 90% of Vsupply
Output Type
12
A = Analog voltage
SSC
_
_ _ _
_ _ _ _ _
_
A
Supply Voltage
3 = 3.3 Vdc
5 = 5.0 Vdc
Pressure Range
13, 14
1 psi to 150 psi
Absolute
015PA = 0 psi to 15 psi
030PA = 0 psi to 30 psi
060PA = 0 psi to 60 psi
100PA = 0 psi to 100 psi
150PA = 0 psi to 150 psi
Differential
001PD = ±1 psi
005PD = ±5 psi
015PD = ±15 psi
030PD = ±30 psi
060PD = ±60 psi
Gage
001PG = 0 psi to 1 psi
005PG = 0 psi to 5 psi
015PG = 0 psi to 15 psi
030PG = 0 psi to 30 psi
060PG = 0 psi to 60 psi
100PG = 0 psi to 100 psi
150PG = 0 psi to 150 psi
60 mbar to 10 bar
Absolute
001BA = 0 bar to 1 bar
1.6BA = 0 bar to 1.6 bar
2.5BA = 0 bar to 2.5 bar
004BA = 0 bar to 4 bar
006BA = 0 bar to 6 bar
010BA = 0 bar to 10 bar
Differential
060MD = ±60 mbar
100MD = ±100 mbar
160MD = ±160 mbar
250MD = ±250 mbar
400MD = ±400 mbar
600MD = ±600 mbar
001BD = ±1 bar
1.6BD = ±1.6 bar
2.5BD = ±2.5 bar
004BD = ±4 bar
Gage
060MG = 0 mbar to 60 mbar
100MG = 0 mbar to 100 mbar
160MG = 0 mbar to 160 mbar
250MG = 0 mbar to 250 mbar
400MG = 0 bar to 400 mbar
600MG = 0 bar to 600 mbar
001BG = 0 bar to 1 bar
1.6BG = 0 bar to 1.6 bar
2.5BG = 0 bar to 2.5 bar
004BG = 0 bar to 4 bar
006BG = 0 bar to 6 bar
010BG = 0 bar to 10 bar
A
Options
15
N = Dry gases only, no special options
D = Dry gases only, diagnostics on
T = Liquid media on Port 1, no diagnostics
V = Liquid media on Port 1, diagnostics on
AA = Dual axial
barbed ports,
opposite sides
DIP
AN = Single
axial barbed
port
DR = Dual radial
barbed ports,
opposite sides
FF = Fastener
mount, dual axial
barbed ports,
opposite sides
FN = Fastener
mount, single axial
barbed port
HH = Fastener
mount, dual
radial barbed
ports, same side
HN = Fastener
mount, single
radial barbed
port
MN = Manifold
mount, outer
diameter seal
LN = Single
axial barbless
port
NB = Fastener
mount, dual axial
ports, same side
NN = No ports
RN = Single
radial barbed
port
RR = Dual radial
barbed ports,
same side
SN = Manifold
mount, inner
diameter seal
Pressure Port (* indicates not available)
SMT
SIP
AN = Single
axial barbed
port
AN = Single
axial barbed
port
DR = Dual radial
barbed ports,
opposite sides
DR =Dual radial
barbed ports,
opposite sides
LN = Single
axial barbless
port
RN = Single
radial barbed
port
RN = Single
radial barbed
port
RR = Dual radial
barbed ports,
same side
RR = Dual radial
barbed ports,
same side
NN = No ports
NN = No ports
LN = Single
axial barbless
port
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
GN = Ribbed
fastener mount,
single axial
barbed port
Notes:
11. The transfer function limits define the output of the sensor at a given pressure input. By specifying Pmin. and Pmax., the output at Pmin. and
Pmax., the complete transfer function of the sensor is defined. See Figure 2 for a graphical representation of the transfer function. Other
transfer functions are available. Contact Honeywell Customer Service for more information.
12. Digital outputs (SPI or I
2C) are also available. Contact Honeywell Customer Service for more information.
13. Custom pressure ranges are available. Contact Honeywell Customer Service for more information.
14. See Table 5 for an explanation of sensor pressure types.
15. See CAUTION on previous page.


Similar Part No. - SSCSNBN1.6BDAA5

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SSCSNBN1.6BC2A3 HONEYWELL-SSCSNBN1.6BC2A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
SSCSNBN1.6BC2A5 HONEYWELL-SSCSNBN1.6BC2A5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
SSCSNBN1.6BC3A3 HONEYWELL-SSCSNBN1.6BC3A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
SSCSNBN1.6BC3A5 HONEYWELL-SSCSNBN1.6BC3A5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
SSCSNBN1.6BC4A3 HONEYWELL-SSCSNBN1.6BC4A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
More results

Similar Description - SSCSNBN1.6BDAA5

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SSCSHHN100MD2A5 HONEYWELL-SSCSHHN100MD2A5 Datasheet
1Mb / 12P
   Total Error Band Amplified Compensated Digital Output, 1 psi to 150 psi 60mbar to 10 bar
SSC HONEYWELL-SSC_1 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,60 mbar to 10 bar
SSCSANN010BGAA3 HONEYWELL-SSCSANN010BGAA3 Datasheet
1Mb / 12P
   TruStability Silicon Pressure Sensors: SSC Series- standard Accuracy -2% Total Error Band, Analog Output,SIP,60 mbar to 10 bar
HSC HONEYWELL-HSC_1 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
HSC HONEYWELL-HSC_3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
SSC HONEYWELL-SSC_5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
HSC HONEYWELL-HSC_5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
logo
TE Connectivity Ltd
U5300 TEC-U5300 Datasheet
167Kb / 7P
   Superior Accuracy and Total Error Band
logo
Honeywell Solid State E...
SSC HONEYWELL-SSC_3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
logo
TE Connectivity Ltd
MS4525 TEC-MS4525 Datasheet
412Kb / 15P
   Amplified Ratiometric Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com