Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCSHHN250MG2A5 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SSCSHHN250MG2A5
Description  Total Error Band Amplified Compensated Digital Output, 1 psi to 150 psi 60mbar to 10 bar
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SSCSHHN250MG2A5 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SSCSHHN250MG2A5 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 4Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 5Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 6Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 7Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 8Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DESCRIPTION
The TruStability
Standard Accuracy Silicon Ceramic (SSC)
Series is a piezoresistive silicon pressure sensor offering a
digital output for reading pressure over the specified full scale
pressure span and temperature range.
The SSC Series is fully calibrated and temperature
compensated for sensor offset, sensitivity, temperature effects,
and non-linearity using an on-board Application Specific
Integrated Circuit (ASIC). Calibrated output values for pressure
are updated at approximately 2 kHz.
The SSC Series is calibrated over the temperature range of
-20 C to 85 C [-4 F to 185 F]. The sensor is characterized
for operation from a single power supply of either 3.3 Vdc or
5.0 Vdc.
These sensors measure absolute, differential, and gage
pressures. The absolute versions have an internal vacuum
reference and an output value proportional to absolute
pressure. Differential versions allow application of pressure to
either side of the sensing diaphragm. Gage versions are
referenced to atmospheric pressure and provide an output
proportional to pressure variations from atmosphere.
The TruStability
® pressure sensors are intended for use with
non-corrosive, non-ionic gases, such as air and other dry
gases. An available option extends the performance of these
sensors to non-corrosive, non-ionic liquids.
All products are designed and manufactured according to ISO
9001 standards.
FEATURES
Industry-leading long-term stability
Extremely tight accuracy of 0.25% FSS BFSL (Full Scale
Span Best Fit Straight Line)
Total error band of 2% full scale span maximum
Modular and flexible design offers customers a variety of
package styles and options, all with the same industry-
leading performance specifications
Miniature 10 mm x 10 mm [0.39 in x 0.39 in] package
Low operating voltage
Extremely low power consumption
I
2C- or SPI- compatible 14-bit digital output (min. 12-bit
sensor resolution)
Precision ASIC conditioning and temperature compensated
over -20 C to 85 C [-4 F to 185 F] temperature range
RoHS compliant
Virtually insensitive to mounting orientation
Internal diagnostic functions increase system reliability
Also available with analog output
Absolute, differential, and gage types
Pressure ranges from 1 psi to 150 psi (60 mbar to 10 bar)
Custom calibration available
Various pressure port options
Liquid media option


Similar Part No. - SSCSHHN250MG2A5

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SSCSAAD001PG2A3 HONEYWELL-SSCSAAD001PG2A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG2A5 HONEYWELL-SSCSAAD001PG2A5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG3A3 HONEYWELL-SSCSAAD001PG3A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG3A5 HONEYWELL-SSCSAAD001PG3A5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG4A3 HONEYWELL-SSCSAAD001PG4A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
More results

Similar Description - SSCSHHN250MG2A5

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SSCSNBN015PDAA5 HONEYWELL-SSCSNBN015PDAA5 Datasheet
1Mb / 13P
   Total Error Band Amplified Compensated Analog Output, 1psito 150psi 60mbar 10 bar
SSC HONEYWELL-SSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
SSC HONEYWELL-SSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com