Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCSHHN250MG2A5 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # SSCSHHN250MG2A5
Description  Total Error Band Amplified Compensated Digital Output, 1 psi to 150 psi 60mbar to 10 bar
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SSCSHHN250MG2A5 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  SSCSHHN250MG2A5 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 4Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 5Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 6Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 7Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 8Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Honeywell Sensing and Control
3
Table 3. Environmental Specifications
Parameter
Characteristic
Humidity:
Dry gases only
(See “Options N and D” in Figure 1.)
L
iquid media (See “Options T and V” in Figure 1.)
0% to 95% RH, non-condensing
100% condensing or direct liquid media on Port 1
Vibration
MIL-STD-202F, Curve AK (20.7 g random)
Shock
MIL-STD-202F, Method 213B, Condition F
Life
9
1 million cycles minimum
Solder reflow
J-STD-020-C
Table 4. Wetted Materials
10
Parameter
Port 1 (Pressure Port)
Port 2 (Reference Port)
Covers
high temperature polyamide
high temperature polyamide
Substrate
alumina ceramic
alumina ceramic
Adhesives
epoxy, silicone
epoxy, silicone
Electronic components
ceramic, glass, solder, silicon
silicon, glass, gold, solder
Notes:
1.
Absolute maximum ratings are the extreme limits the device will withstand without damage.
2.
Ratiometricity of the sensor (the ability of the digital device to maintain performance parameters independent of supply voltage) is achieved
within the specified operating voltage for each option.
3.
The sensor is not reverse polarity protected. Incorrect application of supply voltage or ground to the wrong pin may cause electrical failure.
4.
The compensated temperature range is the temperature range over which the sensor will produce an output proportional to pressure within
the specified performance limits.
5.
The operating temperature range is the temperature range over which the sensor will produce an output proportional to pressure but may not
remain within the specified performance limits.
6.
Accuracy: The maximum deviation in output from a Best Fit Straight Line (BFSL) fitted to the output measured over the pressure range at
25 °C [77 °F]. Includes all errors due to pressure non-linearity, pressure hysteresis, and non-repeatability.
7.
Total Error Band: The maximum deviation from the ideal transfer function over the entire compensated temperature and pressure range.
Includes all errors due to offset, full scale span, pressure non-linearity, pressure hysteresis, repeatability, thermal effect on offset, thermal
effect on span, and thermal hysteresis.
8.
Full Scale Span (FSS) is the algebraic difference between the output signal measured at the maximum (Pmax.) and minimum (Pmin.) limits of
the pressure range. (See Figure 1 for ranges.)
9.
Life may vary depending on specific application in which sensor is utilized.
10. Contact Honeywell Customer Service for detailed material information.
CAUTION
PRODUCT DAMAGE
Ensure liquid media is applied to Port 1 only; Port 2 is not compatible with liquids.
Ensure liquid media contains no particulates. All TruStability
® sensors are dead-ended devices. Particulates can accumulate
inside the sensor, causing damage or affecting sensor output.
Recommend that the sensor be positioned with Port 1 facing downwards; any particulates in the system are less likely to
enter and settle within the pressure sensor if it is in this position.
Ensure liquid media does not create a residue when dried; build-up inside the sensor may affect sensor output. Rinsing of a
dead-ended sensor is difficult and has limited effectiveness for removing residue.
Ensure liquid media are compatible with wetted materials. Non-compatible liquid media will degrade sensor performance and
may lead to sensor failure.
Failure to comply with these instructions may result in product damage.


Similar Part No. - SSCSHHN250MG2A5

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SSCSAAD001PG2A3 HONEYWELL-SSCSAAD001PG2A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG2A5 HONEYWELL-SSCSAAD001PG2A5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG3A3 HONEYWELL-SSCSAAD001PG3A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG3A5 HONEYWELL-SSCSAAD001PG3A5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG4A3 HONEYWELL-SSCSAAD001PG4A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
More results

Similar Description - SSCSHHN250MG2A5

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SSCSNBN015PDAA5 HONEYWELL-SSCSNBN015PDAA5 Datasheet
1Mb / 13P
   Total Error Band Amplified Compensated Analog Output, 1psito 150psi 60mbar 10 bar
SSC HONEYWELL-SSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
SSC HONEYWELL-SSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com