Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SS360PT Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part No. SS360PT
Description  High Sensitivity Latching Digital Hall-Effect Sensor ICs with Built-in Pull-up Resistor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONEYWELL-ACC [Honeywell Accelerometers]
Homepage  http://www.inertialsensor.com
Logo 

SS360PT Datasheet(HTML) 2 Page - Honeywell Accelerometers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 Honeywell • Sensing and Control
SS360PT/SS460P
Table 1. SS360PT/SS460P Performance Specifications (At 3 Vdc to 24 Vdc supply, 20 mA load, TA = -40 ºC to 125 ºC [-40 ºF to
257 ºF] except where otherwise specified.)
Characteristic
Condition
MIn.
Typ.
Max.
Unit
Supply voltage:
SS360PT
SS360PT
SS460P
-40 °C to 110 °C [-40 °F to 230 °F]
125 °C [257 °F]
-40 °C to 125 °C [-40 °F to 257 °F]
3
3
3
24
16
24
Vdc
Supply current
Vsupply = 3 V at 25 °C [77 °F]
3.5
6
10
mA
Vsat
Gauss >55
0.6
V
Output leakage current
Gauss >55
10
µA
Internal pull-up resistor
7.5
10.0
12.5
kOhm
Rise/fall time
Vsupply = 12 V at 25 °C [77 °F]
1.5
µs
Thermal resistance:
SS360PT (SOT-23)
SS460P (flat TO-92-style)
303
233
°C/W
Operate
-40 °C to 125 °C [-40 °F to 257 °F]
5
30
55
Gauss
Release
-40 °C to 125 °C [-40 °F to 257 °F]
-55
-30
-5
Gauss
Differential
-40 °C to 125 °C [-40 °F to 257 °F]
40
60
80
Gauss
Operating temperature
Vsupply = 3 Vdc to 24 Vdc
-40 [-40]
125 [257]
°C [°F]
Storage temperature:
SS360PT
SS460P
-40 [-40]
-40 [-40]
150 [302]
165 [329]
°C [°F]
POTENTIAL APPLICATIONS
Industrial/Commercial
• Brushless dc motor commutation for white goods and other
appliances
• Flow-ratesensing
• SpeedandRPMsensing
• Tachometer,counterpickup
• Motorandfancontrol
NOTICE
Bipolar Hall-effect sensor ICs may have an initial output in either the ON or OFF state if powered up with an applied magnetic field
in the differential zone (applied magnetic field >Brp and <Bop). Honeywell recommends allowing 10 µs for output voltage to stabilize
after supply voltage has reached its normal operating value.
Table 2. SS360PT/SS460P Absolute Maximum Ratings1
Characteristic
MIn.
Typ.
Max.
Unit
Supply voltage
-26.0
26.0
V
Applied output voltage
-0.5
26.0
V
Output current
20
mA
Magnetic flux
no limit
Gauss
Note 1: Absolute maximum ratings are the extreme limits that the device will withstand without damage to the device. However, the
electrical and mechanical characteristics are not guaranteed as the maximum limits (above recommended operating conditions) are ap-
proached, nor will the device necessarily operate at absolute maximum ratings.
NOTICE
The magnetic field strength (Gauss) required to cause the switch to change state (operate and release)
will be as specified in the magnetic characteristics. To test the switch against the specified magnetic
characteristics, the switch must be placed in a uniform magnetic field.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn