Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLE102101 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # LLE102101
Description  Liquid level sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LLE102101 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  LLE102101 Datasheet HTML 1Page - Honeywell Solid State Electronics Center LLE102101 Datasheet HTML 2Page - Honeywell Solid State Electronics Center LLE102101 Datasheet HTML 3Page - Honeywell Solid State Electronics Center LLE102101 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LLE Series
2
www.honeywell.com/sensing
TECHNICAL INFORMATION
Specifications
Specifications
Specifications
Specifications
Specifications
Operation mode
User defined single point on/off switch (Output is high in air)
Repeatability (mm)
± 1
Hysteresis (mm)
2 (dependent on liquid)
Response time
Rising liquid level - 50 µs
Falling liquid level - 1 s max (in ethanol)
Response in other liquids dependent on viscosity
M
M
M
M
Mechanical
echanical
echanical
echanical
echanical
Mounting
Type 1 and 2 - mounted from outside; Type 3 and 5 - mounted from inside
Termination
250 mm flying leads (180 mm for metal versions)
Blue
0 V
Red
+5 V to +12 V supply
Green
Output
Material [Note 1]
Polysulphone
Dimensions
Plastic
Plastic
Plastic
Plastic
Plastic
Metal
Metal
Metal
Metal
Metal
LLE101/102/103 Series
LLE101/102/103 Series
LLE101/102/103 Series
LLE101/102/103 Series
LLE101/102/103 Series
LLE205/305 Series
LLE205/305 Series
LLE205/305 Series
LLE205/305 Series
LLE205/305 Series
Dome
3,5 mm radius (includes LLE105 Series)
Thread
M12x1
½ in BSPT
Hex
19 mm
24 mm (See mounting drawings on page 3)
Envir
Envir
Envir
Envir
Environmental
onmental
onmental
onmental
onmental
S
S
S
S
Standar
tandar
tandar
tandar
tandard temperatur
d temperatur
d temperatur
d temperatur
d temperature
e
e
e
e
High temperatur
High temperatur
High temperatur
High temperatur
High temperature
e
e
e
e
Operating temperature (°C)
-25 to 80 (-13 °F to 176 °F)
-40 to 125 (-40 °F to 257 °F)
Storage temperature (°C)
-30 to 85 (-22 °F to 185 °F)
-40 to 125 (-40 °F to 257 °F)
Thermal testing
As per BS EN60068-2-33
Humidity
As per BS EN60068-2-30
Vibration
As per BS EN60068-2-6 Part S3: 1996
Mechanical shock
As per BS EN60068-2-27 Part 2 Ea: 1987
Pressure range (bar)
0 to 5 (plastic housing) [Note 2]
0 to 25 (metal housing)
Ambient IR light limit (@ 940 nm) [Note 3]
10 mW/cm2 in operation
Electrical
Electrical
Electrical
Electrical
Electrical
S
S
S
S
Standar
tandar
tandar
tandar
tandard temperatur
d temperatur
d temperatur
d temperatur
d temperature
e
e
e
e
High temperatur
High temperatur
High temperatur
High temperatur
High temperature
e
e
e
e
Supply voltage (Vcc)
+5 Vdc to +12 Vdc ± 5 %
Supply current (mA)
15 mA nominal @ +5 Vdc
5 mA nominal @ +5 Vdc
Output sink current [Note 4]
@ 25 °C 10 mA max.
@ 25 °C 40 mA max.
@ 5 Vdc supply
@ 80 °C 3 mA max.
@ 125 °C 7 mA max.
Notes:
Notes:
Notes:
Notes:
Notes:
[Note 1] Material compatibility information available on request.
[Note 2] Threaded sensors only.
[Note 3] For other ambient light environments the user should test the sensor under application conditions to verify compatibility.
[Note 4] The output is intended as a TTL compatible output signal, for interfacing to logic systems. For interfacing with other types of circuitry an appropriate buffer circuit
must be used.


Similar Part No. - LLE102101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LLE15180X PHILIPS-LLE15180X Datasheet
76Kb / 12P
   NPN microwave power transistor
1997 Feb 18
LLE15370X PHILIPS-LLE15370X Datasheet
85Kb / 12P
   NPN microwave power transistor
1997 Feb 18
LLE16045X PHILIPS-LLE16045X Datasheet
79Kb / 12P
   NPN microwave power transistor
1997 Feb 18
LLE16120X PHILIPS-LLE16120X Datasheet
74Kb / 12P
   NPN microwave power transistor
1997 Feb 18
LLE16350X PHILIPS-LLE16350X Datasheet
103Kb / 12P
   NPN microwave power transistor
1997 Feb 03
More results

Similar Description - LLE102101

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
   Optical Liquid Level Sensors
D101 AEC-D101 Datasheet
190Kb / 1P
   Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
   Optical Liquid Level Sensors
D600HD AEC-D600HD Datasheet
223Kb / 1P
   Optical Liquid Level Sensors
logo
TE Connectivity Ltd
LS TEC-LS_V01 Datasheet
258Kb / 5P
   HORIZONTAL LIQUID LEVEL SENSORS
logo
American Electronic Com...
D103 AEC-D103 Datasheet
188Kb / 1P
   Optical Liquid Level Sensors
D200HD AEC-D200HD Datasheet
222Kb / 1P
   Optical Liquid Level Sensors
D500A AEC-D500A Datasheet
380Kb / 1P
   Optical Liquid Level Sensors
D105 AEC-D105 Datasheet
228Kb / 1P
   Optical Liquid Level Sensors
D200D AEC-D200D Datasheet
167Kb / 1P
   Optical Liquid Level Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com