Electronic Components Datasheet Search |
|
TC164-FR-101R5 Datasheet(PDF) 5 Page - YAGEO Corporation |
|
TC164-FR-101R5 Datasheet(HTML) 5 Page - YAGEO Corporation |
5 / 8 page SERIES YC/TC 164 (RoHS Compliant) Chip Resistor Surface Mount www.yageo.com Oct 27, 2008 V.3 Product specification 5 8 FOOTPRINT AND SOLDERING PROFILES For recommended footprint and soldering profiles, please see the special data sheet “Chip resistors mounting”. ELECTRICAL CHARACTERISTICS CHARACTERISTICS YC/TC164 1/16 W Operating Temperature Range –55 °C to +155 °C Maximum Working Voltage 50 V Maximum Overload Voltage 100 V Dielectric Withstanding Voltage 100 V YC164 1 Ω to 1 MΩ TC164 10 Ω to 1 MΩ Resistance Range 5% (E24), 1% (E24/E96) Zero Ohm Jumper < 0.05 Ω Temperature Coefficient ±200 ppm/°C Rated Current 1.0 A Jumper Criteria Maximum Current 2.0 A Table 2 MLB206_2 70 100 55 50 Tamb( C) o (%P ) rated 0 0 50 100 155 P handbook, halfpage FUNCTIONAL DESCRIPTION P PO OW WE ER R R RA AT TIIN NG G YC/TC 164 rated power at 70 °C is 1/16 W RATED VOLTAGE The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following formula: V=√(P X R) or max. working voltage whichever is less Where V=Continuous rated DC or AC (rms) working voltage (V) P=Rated power (W) R=Resistance value (X) Fig. 8 Maximum dissipation (P) in percentage of rated power as a function of the operating ambient temperature (Tamb) PACKING STYLE AND PACKAGING QUANTITY PRODUCT TYPE PACKING STYLE REEL DIMENSION QUANTITY PER REEL YC/TC164 Paper Taping Reel (R) 7" (178 mm) 5,000 units 10" (254 mm) 10,000 units 13" (330 mm) 20,000 units NOTE 1. For paper tape and reel specification/dimensions, please see the special data sheet “Chip resistors packing”. Table 3 Packing style and packaging quantity |
Similar Part No. - TC164-FR-101R5 |
|
Similar Description - TC164-FR-101R5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |