Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0805JR-139R76 Datasheet(PDF) 5 Page - YAGEO Corporation

Part # RC0805JR-139R76
Description  GENERAL PURPOSE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0805JR-139R76 Datasheet(HTML) 5 Page - YAGEO Corporation

  RC0805JR-139R76 Datasheet HTML 1Page - YAGEO Corporation RC0805JR-139R76 Datasheet HTML 2Page - YAGEO Corporation RC0805JR-139R76 Datasheet HTML 3Page - YAGEO Corporation RC0805JR-139R76 Datasheet HTML 4Page - YAGEO Corporation RC0805JR-139R76 Datasheet HTML 5Page - YAGEO Corporation RC0805JR-139R76 Datasheet HTML 6Page - YAGEO Corporation RC0805JR-139R76 Datasheet HTML 7Page - YAGEO Corporation RC0805JR-139R76 Datasheet HTML 8Page - YAGEO Corporation RC0805JR-139R76 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jun 16, 2009 V.4
Product specification
5
9
SERIES
RC
0805 (RoHS Compliant)
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
RC0805 1/8 W
Operating Temperature Range
–55 °C to +155 °C
Maximum Working Voltage
150 V
Maximum Overload Voltage
300 V
Dielectric Withstanding Voltage
300 V
5% (E24) 1 Ω to 22 MΩ
1% (E24/E96) 1 Ω to 10 MΩ
Resistance Range
Zero Ohm Jumper < 0.05 Ω
1 Ω ≤ R ≤ 10 Ω
±200 ppm/°C
10 MΩ < R ≤ 22 MΩ
±200 ppm/°C
Temperature Coefficient
10 Ω < R ≤ 10 MΩ
±100 ppm/°C
Rated Current
2 A
Jumper Criteria
Maximum Current
5 A
FOOTPRINT AND SOLDERING
PROFILES
For recommended footprint and
soldering profiles, please see the
special data sheet “Chip resistors
mounting”.
Table 2
PACKING STYLE AND PACKAGING QUANTITY
PRODUCT TYPE
PACKING STYLE
REEL DIMENSION
QUANTITY PER REEL
RC0805
Paper Taping Reel (R)
7" (178 mm)
5,000 units
10" (254 mm)
10,000 units
13" (330 mm)
20,000 units
NOTE
1. For paper tape and reel specification/dimensions, please see the special data sheet “Chip resistors packing”
Table 3 Packing style and packaging quantity
MLB206_2
70
100
55
50
Tamb( C)
o
(%P
)
rated
0
0
50
100
155
P
handbook, halfpage
FUNCTIONAL DESCRIPTION
PPO
OW
WEERR RRA
AT
TIIN
NG
G
RC0805 rated power at 70°C is 1/8 W
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V=√(P X R)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (X)
Fig. 4 Maximum dissipation (P) in percentage of rated power as a
function of the operating ambient temperature (Tamb)


Similar Part No. - RC0805JR-139R76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0805JR-1397R6L YAGEO-RC0805JR-1397R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
RC0805JR-1397R6P YAGEO-RC0805JR-1397R6P Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
RC0805JR-139K76L YAGEO-RC0805JR-139K76L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
RC0805JR-139K76P YAGEO-RC0805JR-139K76P Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
More results

Similar Description - RC0805JR-139R76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com