Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC164-FR-071R Datasheet(PDF) 3 Page - YAGEO Corporation

Part # TC164-FR-071R
Description  ARRAY CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

TC164-FR-071R Datasheet(HTML) 3 Page - YAGEO Corporation

  TC164-FR-071R Datasheet HTML 1Page - YAGEO Corporation TC164-FR-071R Datasheet HTML 2Page - YAGEO Corporation TC164-FR-071R Datasheet HTML 3Page - YAGEO Corporation TC164-FR-071R Datasheet HTML 4Page - YAGEO Corporation TC164-FR-071R Datasheet HTML 5Page - YAGEO Corporation TC164-FR-071R Datasheet HTML 6Page - YAGEO Corporation TC164-FR-071R Datasheet HTML 7Page - YAGEO Corporation TC164-FR-071R Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SERIES
YC/TC
164 (RoHS Compliant)
Chip Resistor Surface Mount
www.yageo.com
Oct 27, 2008 V.3
Product specification
3
8
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
deess
Both GLOBAL PART NUMBER (preferred) and 12NC (traditional) codes are acceptable to order Phycomp
brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
Resistance decade (3)
Last digit
0.01 to 0.0976 X
0
0.1 to 0.976 X
7
1 to 9.76 X
8
10 to 97.6 X
9
100 to 976 X
1
1 to 9.76 KX
2
10 to 97.6 KX
3
100 to 976 KX
4
1 to 9.76 MX
5
10 to 97.6 MX
6
Example:
0.02 X =
0200 or 200
0.3 X
=
3007 or 307
1 X
=
1008 or 108
33 KX
=
3303 or 333
10 MX =
1006 or 106
Last digit of 12NC
(1) The resistors have a 12-digit ordering code starting with 2350.
(2) The subsequent 4 or 5 digits indicate the resistor tolerance and
packaging.
(3) The remaining 4 or 3 digits represent the resistance value with the
last digit indicating the multiplier as shown in the table of
“Last digit of 12NC”.
(4) "L" is optional symbol (Note).
ORDERING EXAMPLE
The ordering code of a ARV241 resistor, value 1,000 X with ±5%
tolerance, supplied in tape of 10,000 units per reel is: 235003510102(L)
or YC164-JR-071K(L).
NOTE
1. All our RSMD products are RoHS compliant. "LFP" of the internal 2D reel label mentions "Lead Free Process"
2. On customized label, "LFP" or specific symbol printed and the optional "L" at the end of GLOBAL PART
NUMBER / 12NC can be added (both are on customer request)
12NC CODE
2350
XXX XXXXX L
(1)
(2)
(3)
(4)
PAPER / PE TAPE ON REEL (units) (2)
TYPE/
4×0603
START
IN (1)
TOL.
(%)
RESISTANCE
RANGE
5,000
20,000
ARV241 2350
±5%
1 to 1 MΩ
035 10xxx
035 12xxx
ARV242 2350
±1%
1 to 1 MΩ
025 1xxxx
025 3xxxx
ARC241 2350
±5%
10 to 1 MΩ
034 10xxx
013 3xxxx
ARC242 2350
±1%
10 to 1 MΩ
024 1xxxx
013 3xxxx
Jumper
2350
-
0 Ω
ARV241/YC164 035 91001
-
ARC241/TC164 034 91001
-


Similar Part No. - TC164-FR-071R

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
TC164-FR-071KL YAGEO-TC164-FR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results

Similar Description - TC164-FR-071R

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com